Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MU9C8358 Datasheet(PDF) 5 Page - MUSIC Semiconductors

Part No. MU9C8358
Description  Quad 10/100Mb Ethernet Filter Interface
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MUSIC [MUSIC Semiconductors]
Homepage  http://www.musicsemi.com/
Logo 

MU9C8358 Datasheet(HTML) 5 Page - MUSIC Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
3LQ'HV.ULSWLRQV
08&4XDG 0E (WKHUQHW )LOWHU ,QWHUID.H
5HY  'UDIW

6LJQDO &KDUD.WHULVWL.V
All signals are implemented in CMOS technology with
TTL levels. Signal names that start with a slash (“/”) are
active LOW. Inputs should never be left floating. Refer to
the Electrical Characteristics section for more information.
0,, ,QWHUID.HV 3RUWV $ WKURXJK '
5;'>@B $±'5H.HLYH 'DWD,QSXW77/
RXD[3:0] is the 4-bit MII Receive Data nibble (see
Timing Diagrams: Timing Data for RXD, RX_DV, and
RX_ER).
5;B'9B $±'5H.HLYH 'DWD9DOLG,QSXW77/
Data Valid is on RX_DV; RX_DV is asserted by the PHY
at the beginning of the first nibble of the data frame and
deasserted at the end of the last nibble of the frame. It
indicates that the data is synchronous to RX_CLK and is
itself synchronous to the clock (see Timing Diagrams:
Timing Data for RXD, RX_DV, and RX_ER).
5;B(5B $±'5H.HLYH (UURU ,QSXW77/
RX_ER indicates a data symbol error in 100Mb/s mode or
any other error that the PHY can detect, even if the MAC
is not capable of detecting that error (see Timing
Diagrams: Timing Data for RXD, RX_DV, and RX_ER).
5;B&/.B $±' 5H.HLYH &OR.N ,QSXW77/
RX_CLK is the receive clock recovered from the data by
the PHY. It is equal to 25MHz in 100Base-X mode or
2.5MHz in 10Base-X mode.
&56B $±' &DUULHU 6HQVH ,QSXW 77/
Carrier sense CRS indicates that the medium is active
(non-idle) and remains asserted during a collision. For Rx
or Tx: CRS is HIGH in 10/100Base-X half-duplex mode;
for Rx it is HIGH in repeater, full-duplex, and loopback
modes. CRS is not synchronized to RX_CLK.
&2/B $±'&ROOLVLRQ,QSXW77/
Collision detect COL is asserted by the PHY upon
detection of a collision on the medium and remains
asserted as long as the collision persists. It is HIGH in
half-duplex modes and remains HIGH for 1 microsecond
following the end of transmission; it is LOW in
full-duplex
mode.
It
is
asserted
in
response
to
signal_quality_error message from the PMA in 10Base-X
Heartbeat mode.
7DJ 3RUW ,QWHUID.HV
5(-B $±' 5HMH.W 2XWSXW 77/
REJ is the reject packet command issued by the
MU9C8358; the minimum length is 110 nanoseconds.
REJ is driven HIGH to reject a data frame, and can be
detected by and responded to by the MAC devices from 2
bit times after SFD to 512 bit times (64 byte times) after
SFD The REJ signal can be made active LOW by setting
Bit 0 in the SSCFG register. (See Timing Diagrams:
Timing Data for REJ (Base 100.))
)5;B(5B $±')UDPH (UURU 2XWSXW77/
The Forced Receive Error pins provide the logical OR of
the RX_ER and REJ lines for the appropriate MII port (see
Timing Diagrams: Timing Data for FRX_ER in Relation
to REJ and RX_ER).
73B6'B $±' 7DJ 3RUW'DWD2XWSXW77/
The Tag Port Serial Data pin carries the destination Port
ID to external circuitry as soon as it is collected from the
CAM (see Timing Diagrams: Timing Data for Tag Ports
TP_DV and TP_SD).
73B'9B $±' 7DJ 3RUW'DWD9DOLG 2XWSXW77/
The Tag Port Data Valid pins are driven HIGH for as long
as unread data exists for each Destination Port ID. Pins
TP_SD_A through TP_SD_D carry the Destination Port
ID (4 bits) to external circuitry as soon as it is collected
from the CAM (see Timing Diagrams: Timing Data for
Tag Ports TP_DV and TP_SD).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn