Electronic Components Datasheet Search |
|
PC912XDP512J1VAAR Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc |
|
PC912XDP512J1VAAR Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc |
86 / 1350 page Chapter 2 Clocks and Reset Generator (S12CRGV6) MC9S12XDP512 Data Sheet, Rev. 2.17 86 Freescale Semiconductor 2.3.2.3 Reserved Register (CTFLG) This register is reserved for factory testing of the CRG module and is not available in normal modes. Read: Always reads 0x_00 in normal modes Write: Unimplemented in normal modes NOTE Writing to this register when in special mode can alter the CRG fucntionality. 2.3.2.4 CRG Flags Register (CRGFLG) This register provides CRG status bits and flags. Read: Anytime Write: Refer to each bit for individual write conditions 76543210 R 00000000 W Reset 00000000 = Unimplemented or Reserved Figure 2-6. Reserved Register (CTFLG) 76543210 R RTIF PORF LVRF LOCKIF LOCK TRACK SCMIF SCM W Reset 0 12 00000 1. PORF is set to 1 when a power on reset occurs. Unaffected by system reset. 2. LVRF is set to 1 when a low-voltage reset occurs. Unaffected by system reset. = Unimplemented or Reserved Figure 2-7. CRG Flags Register (CRGFLG) Table 2-2. CRGFLG Field Descriptions Field Description 7 RTIF Real Time Interrupt Flag — RTIF is set to 1 at the end of the RTI period. This flag can only be cleared by writing a 1. Writing a 0 has no effect. If enabled (RTIE = 1), RTIF causes an interrupt request. 0 RTI time-out has not yet occurred. 1 RTI time-out has occurred. 6 PORF Power on Reset Flag — PORF is set to 1 when a power on reset occurs. This flag can only be cleared by writing a 1. Writing a 0 has no effect. 0 Power on reset has not occurred. 1 Power on reset has occurred. |
Similar Part No. - PC912XDP512J1VAAR |
|
Similar Description - PC912XDP512J1VAAR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |