Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC912XDP512J1VAAR Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # PC912XDP512J1VAAR
Description  Covers, S12XD, S12XB & S12XA Families
Download  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512J1VAAR Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512J1VAAR Datasheet HTML 59Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 60Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 61Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 62Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 63Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 64Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 65Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 66Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
63
1.2.3.47
PM4 / RXCAN0 / RXCAN2 / RXCAN4 / MOSI0 — Port M I/O Pin 4
PM4 is a general-purpose input or output pin. It can be configured as the receive pin RXCAN of the
scalable controller area network controllers 0, 2, or 4 (CAN0, CAN2, or CAN4). It can be configured as
the master output (during master mode) or slave input pin (during slave mode) MOSI for the serial
peripheral interface 0 (SPI0).
1.2.3.48
PM3 / TXCAN1 / TXCAN0 / SS0 — Port M I/O Pin 3
PM3 is a general-purpose input or output pin. It can be configured as the transmit pin TXCAN of the
scalable controller area network controllers 1 or 0 (CAN1 or CAN0). It can be configured as the slave
select pin SS of the serial peripheral interface 0 (SPI0).
1.2.3.49
PM2 / RXCAN1 / RXCAN0 / MISO0 — Port M I/O Pin 2
PM2 is a general-purpose input or output pin. It can be configured as the receive pin RXCAN of the
scalable controller area network controllers 1 or 0 (CAN1 or CAN0). It can be configured as the master
input (during master mode) or slave output pin (during slave mode) MISO for the serial peripheral
interface 0 (SPI0).
1.2.3.50
PM1 / TXCAN0 — Port M I/O Pin 1
PM1 is a general-purpose input or output pin. It can be configured as the transmit pin TXCAN of the
scalable controller area network controller 0 (CAN0).
1.2.3.51
PM0 / RXCAN0 — Port M I/O Pin 0
PM0 is a general-purpose input or output pin. It can be configured as the receive pin RXCAN of the
scalable controller area network controller 0 (CAN0).
1.2.3.52
PP7 / KWP7 / PWM7 / SCK2 — Port P I/O Pin 7
PP7 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as pulse width modulator (PWM) channel 7 output. It can
be configured as serial clock pin SCK of the serial peripheral interface 2 (SPI2).
1.2.3.53
PP6 / KWP6 / PWM6 / SS2 — Port P I/O Pin 6
PP6 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as pulse width modulator (PWM) channel 6 output. It can
be configured as slave select pin SS of the serial peripheral interface 2 (SPI2).
1.2.3.54
PP5 / KWP5 / PWM5 / MOSI2 — Port P I/O Pin 5
PP5 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as pulse width modulator (PWM) channel 5 output. It can


Similar Part No. - PC912XDP512J1VAAR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC912XDP512J1VAAR FREESCALE-PC912XDP512J1VAAR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
PC912XDP512J1VAAR FREESCALE-PC912XDP512J1VAAR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
PC912XDP512J1VAAR FREESCALE-PC912XDP512J1VAAR Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
More results

Similar Description - PC912XDP512J1VAAR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XDG128CAL FREESCALE-MC9S12XDG128CAL Datasheet
7Mb / 1348P
   Covers S12XD, S12XB & S12XA Families
631441 FREESCALE-631441 Datasheet
7Mb / 1348P
   Covers S12XD, S12XB and S12XA Families
MC9S12XDP512 FREESCALE-MC9S12XDP512 Datasheet
4Mb / 1348P
   Covers S12XD, S12XB & S12XA Families
MC9S12XDT512CAA FREESCALE-MC9S12XDT512CAA Datasheet
7Mb / 1348P
   S12XD, S12XB & S12XA Families
MC9S12XDP512CAG FREESCALE-MC9S12XDP512CAG Datasheet
7Mb / 1348P
   S12XD, S12XB & S12XA Families
MC9S12XDT256MAA FREESCALE-MC9S12XDT256MAA Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet Covers S12XD, S12XB & S12XA Families
MC9S12XDT256MAL FREESCALE-MC9S12XDT256MAL Datasheet
7Mb / 1348P
   This documentation covers all devices in the S12XD, S12XB and S12XA families.
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com