Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FG1000BV-90DA Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # FG1000BV-90DA
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FG1000BV-90DA Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  FG1000BV-90DA Datasheet HTML 1Page - Powerex Power Semiconductors FG1000BV-90DA Datasheet HTML 2Page - Powerex Power Semiconductors FG1000BV-90DA Datasheet HTML 3Page - Powerex Power Semiconductors FG1000BV-90DA Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aug.1998
2000
1500
1250
750
250
0
400
0
500
1000
1750
100
200
300
θ = 30°
60°
90°
120°
180°
RESISTIVE,
INDUCTIVE
LOAD
θ
360°
140
120
110
90
70
60
400
0
80
100
130
100
200
300
θ = 30°
60°
90°
180°
120°
RESISTIVE,
INDUCTIVE
LOAD
θ
360°
2000
1500
1250
750
250
0
800
0
100
300
500
700
500
1000
1750
200
400
600
DC
270°
θ = 30°
60°
90°
120°
180°
360°
θ
RESISTIVE,
INDUCTIVE
LOAD
140
120
100
80
60
130
110
90
70
50
40
800
0
200
400
600 700
100
300
500
360°
θ
RESISTIVE,
INDUCTIVE
LOAD
θ = 30°
90°
180°
DC
270°
60°
120°
8000
6000
5000
3000
1000
0
140
–60
–20
20
60
100
2000
4000
7000
VD = 5 ~ 20V
IT = 25 ~ 200A
HALF SINE WAVE
10.0
8.0
6.0
4.0
2.0
0
50
0
10
20
30
40
tgt
td
IT = 1000A, VD = 2250V
diT/dt = 500A/
µs
diG/dt = 10A/
µs
Tj = 125°C
AVERAGE ON-STATE CURRENT (A)
MAXIMUM ON-STATE POWER DISSIPATION
CHARACTERISTICS
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE FIN TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM ON-STATE POWER DISSIPATION
CHARACTERISTICS
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE FIN TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(RECTANGULAR WAVE)
JUNCTION TEMPERATURE (°C)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
(TYPICAL)
TURN ON GATE CURRENT (A)
TURN ON TIME, TURN ON DELAY TIME
VS. TURN ON GATE CURRENT
(TYPICAL)
MITSUBISHI GATE TURN-OFF THYRISTORS
FG1000BV-90DA
HIGH POWER INVERTER USE
PRESS PACK TYPE


Similar Part No. - FG1000BV-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FG1000BV-90DA MITSUBISHI-FG1000BV-90DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results

Similar Description - FG1000BV-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FGR3000FX-90DA MITSUBISHI-FGR3000FX-90DA Datasheet
82Kb / 5P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000GX-90DA MITSUBISHI-FG4000GX-90DA Datasheet
68Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FGC3500AX-120DS POWEREX-FGC3500AX-120DS Datasheet
36Kb / 3P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
GCU04AA-130 MITSUBISHI-GCU04AA-130 Datasheet
71Kb / 6P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG2000FX-50DA MITSUBISHI-FG2000FX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000EX-50DA MITSUBISHI-FG4000EX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000HX-90DS MITSUBISHI-FG4000HX-90DS Datasheet
71Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG3000GX-90DA POWEREX-FG3000GX-90DA Datasheet
157Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
FG4000BX-90DA MITSUBISHI-FG4000BX-90DA Datasheet
65Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG4000EX-50DA POWEREX-FG4000EX-50DA Datasheet
79Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com