Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8805A Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # APE8805A
Description  600mA Low Dropout Linear Regulator with Shutdown
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8805A Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  APE8805A Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8805A Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8805A Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8805A Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8805A Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8805A Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8805A Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
APE8805A
Shutdown Pin Voltage (ON)
VSHDN(ON)
1.4
V
Shutdown Pin Voltage (OFF)
VSHDN(OFF)
0.4
V
Shutdown Exit Delay Time
∆T
CBP=0.1uF, COUT=1uF, IOUT=30mA
300
µs
Note 1:The dropout voltage is defined as VIN-VOUT, which is measured when VOUT drops about 100mV.
Note 2:Regulation is measured at a constant junction temperature by using 40ms current pulse and load regulation in the load range from
0mA to 600mA.
Application Information
The
APE8805A is a low dropout linear regulator that
could provide 600mA output current at dropout volt-
age about 600mV. Current limit and on chip thermal
shutdown features provide protection against any
combination of overload or ambient temperature that
could exceed maximum junction temperature.
1. Output and Input Capacitor
The
APE8805A regulator is designed to be stable
with a wide range of output capacitors. The ESR
of the output capacitor affects stability. Larger
value of the output capacitor decreases the peak
deviations and improves transient response for
larger current changes.
The capacitor types (aluminum, ceramic, and tant-
alum) have different characterizations such as
temperature and voltage coefficients. All ceramic
capacitors are manufactured with a variety of
dielectrics, each with different behavior across
temperature and applications. Common dielectrics
used are X5R, X7R and Y5V. It is recommended
to use 1uF to 10uF X5R or X7R dielectric ceramic
capacitors with 30m
Ω to 50mΩ ESR range betw-
een device outputs and ground for stability. The
APE8805A is designed to be stable with low ESR
ceramic capacitors and higher values of ca-
pacitors and ESR could improve output stability.
The ESR of output capacitor is very important
because it generates a zero to provide phase lead
for loop stability.
There are no requirements for the ESR on the
input capacitor, but its voltage and temperature
coefficient have to be considered for device
application environment.
2. Protection Features
In order to prevent overloading or thermal con-
dition from damaging the device,
APE8805A has
internal thermal and current limiting functions
designed to protect the device. It will rapidly
shut off PMOS pass element during overload-
ing or over temperature condition.
3. Thermal Consideration
The power handling capability of the device will
be limited by maximum operation junction
temperature. The power dissipated by the
device will be estimated by PD = IOUT
×
(VIN-VOUT). The power dissipation should be
lower than the maximum power dissipation
listed in “Absolute Maximum Ratings” section.
4. Shutdown Operation
The
APE8805A is shutdown by pulling the SHDN
input low, and turned on by driving the SHDN
high. If this function is not used, the SHDN
input should be tied to VIN to keep the regu-
lator on at all times (the SHDN must not be
left floating).
Advanced Power
Electronics Corp.


Similar Part No. - APE8805A

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
More results

Similar Description - APE8805A

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6134 FITIPOWER-FP6134 Datasheet
444Kb / 8P
   600mA Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com