Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB1ZMU2915533290653 Datasheet(PDF) 2 Page - Bookham, Inc.

Part # CB1ZMU2915533290653
Description  100GHz WDM Filter Components for OADM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

CB1ZMU2915533290653 Datasheet(HTML) 2 Page - Bookham, Inc.

  CB1ZMU2915533290653 Datasheet HTML 1Page - Bookham, Inc. CB1ZMU2915533290653 Datasheet HTML 2Page - Bookham, Inc. CB1ZMU2915533290653 Datasheet HTML 3Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D
100GHz Filters
Typical design specifications (valid over operating temperature)
Transmitted Channels
Standard
OADM
Wide-Top
Clear Channel Passband
27.5
27.5
50
1.0
1.0
1.0
Insertion Loss Variation
0.3
0.3
0.5
Adjacent Band Isolation
25
30
25
Polarization Dependent Loss
0.15
0.1
0.2
Return Loss
45
45
45
Chromatic Dispersion
b
±35
±19
±60
Directivity
454545
Reflected Channel
0.4
0.4
0.4
Insertion Loss Variation
0.1
0.1
0.1
Polarization Dependent Loss
0.15
0.1
0.2
Reflection Isolation
b
12
16
11
Chromatic Dispersion
b
±30
±16
±30
Component Parameters
Operating Temperature
Storage Temperature
5.5 (Ø) x 51 (L)
a Loss includes connector pair.
b At edge of clear channel passband.
c Nominal overall length. Standard package length without boots nominally 35mm.
mm
-5 to 70
-40 to 85
dB
dB
unit
dB
Insertion Loss
a
dB
GHz
dB
Insertion Loss
a
dB
dB
dB
Dimensions
c (standard packaging)
ps/nm
dB
dB
ps/nm
°C
°C
Example Performance
100GHz OADM filter performance at -5C, 25C, and 70C
-30
-25
-20
-15
-10
-5
0
1555
1555.5
1556
1556.5
Wavelength (nm)


Similar Part No. - CB1ZMU2915533290653

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1ZMU211553329 BOOKHAM-CB1ZMU211553329 Datasheet
262Kb / 4P
   PON Filter for FTTx 1310/1490/1550nm
CB1ZMU211560200 BOOKHAM-CB1ZMU211560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CB1ZMU211560200 BOOKHAM-CB1ZMU211560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CB1ZMU221553329 BOOKHAM-CB1ZMU221553329 Datasheet
262Kb / 4P
   PON Filter for FTTx 1310/1490/1550nm
CB1ZMU221560200 BOOKHAM-CB1ZMU221560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
More results

Similar Description - CB1ZMU2915533290653

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB2SLU1115533290653 BOOKHAM-CB2SLU1115533290653 Datasheet
93Kb / 3P
   200GHz WDM Filter Components for OADM
TF1001553329 BOOKHAM-TF1001553329 Datasheet
324Kb / 3P
   100GHz WDM Filter Chips
TF0501553329 BOOKHAM-TF0501553329 Datasheet
433Kb / 3P
   50GHz WDM Filter Chips
TF2001553329 BOOKHAM-TF2001553329 Datasheet
318Kb / 3P
   200GHz WDM Filter Chips
logo
TDK Electronics
B39751B8317P810 TDK-B39751B8317P810 Datasheet
142Kb / 8P
   SAW Components SAW filter for Femtocell
logo
OPLINK Communications I...
OADMG1-1X2 OPLINK-OADMG1-1X2 Datasheet
219Kb / 2P
   Single Channel OADM
OADMG2-1X2 OPLINK-OADMG2-1X2 Datasheet
293Kb / 2P
   Single Channel OADM
OADMG1-2X2 OPLINK-OADMG1-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
OADMG2-2X2 OPLINK-OADMG2-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
logo
TDK Electronics
B39202B9610P810 TDK-B39202B9610P810 Datasheet
163Kb / 8P
   SAW Components SAW Filter for smallcells
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com