Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN45 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # AN45
Description  DESIGN GUIDE FOR THE Si3210/15/16 DC-DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN45 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button AN45 Datasheet HTML 5Page - Silicon Laboratories AN45 Datasheet HTML 6Page - Silicon Laboratories AN45 Datasheet HTML 7Page - Silicon Laboratories AN45 Datasheet HTML 8Page - Silicon Laboratories AN45 Datasheet HTML 9Page - Silicon Laboratories AN45 Datasheet HTML 10Page - Silicon Laboratories AN45 Datasheet HTML 11Page - Silicon Laboratories AN45 Datasheet HTML 12Page - Silicon Laboratories AN45 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN45
Rev. 0.5
9
Step 6: Select the Base Drive Circuit
Q8 transistor requirement:
The general purpose 2222 transistor meets all of the
above requirements.
Calculate the value for R17:
Base current drive requirement for Q7
From Equation 17:
From Equation 18:
Step 7: Under Voltage Circuit Design
Set under voltage lock-out to be 20% lower than the
minimum VDC.
From Equation 20:
Step 8: Overcurrent Protection
From Equation 21:
Step 9: Output Overvoltage Protection
VBAT max = 78 V (during ringing). See Table 2 for
voltage ratings.
Therefore, VCLAMP must be greater than 78 V but less
than 88 V: VCLAMP = 85 V.
If VCC = 5 V, then
MOSFET/Transformer Design
DC-DC Converter
The MOSFET/transformer dc-dc converter solution
offers higher power efficiency than the BJT/inductor
solutions and is the preferred solution for applications
using low VDC input voltages.
The transformer dc-dc converter circuit is shown in
Figure 6. R16, R17, Q7, and Q8 are eliminated. The M1
MOSFET is the main power-switching component in this
design. The Si321xM version of the ProSLIC is used to
directly drive the M1 MOSFET using the DCFF pinout.
V
CEO
V
CC
V
DC
+
510
+
15 V
==
=
V
EBO
V
CC
5V
==
V
CBO
V
CC
V
DC
+
510
+
15 V
==
=
Speed: f
T
200 MHz
>
I
BQ7
1.3
I
MAX
×
H
FE
---------------------------
1.3
0.98
×
100
--------------------------
12.74 mA
==
=
R17
V
CC
0.6
I
BQ7
0.6 R16
+
------------------------------------------
275
==
V
UNDER
1–20%
()VDC
8 V
==
R19
V
UNDER
0.8
120
µA
------------------------------------


4500
56K
==
R19
R
=
20
56K
=
I
OVERLOAD
1.2
I
MAX
×
1.176 A
==
R18
10.5
µA
4500
R19
+
()
×
I
OVERLOAD
---------------------------------------------------------------
0.5
==
Table 2. Component Voltage Rating
Components
Voltage
Parameter
Voltage
Rating
C9, C26, C3, C4, C5, C6
VC – 1.5
98.5
Q1–Q4 (2N5401)
VCEO
150
Q5, Q6
VCEO
150
Q7
VCEO – VDC 100 – 12 = 88
R28
5.55
+
() V
148
µA
----------------------------
37.4k
==
R29
85 V
148
µA
--------------------
574k
==


Similar Part No. - AN45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4501 STMICROELECTRONICS-AN4501 Datasheet
958Kb / 48P
   Design of a boost LED driver using L99LD01
AN4503 STMICROELECTRONICS-AN4503 Datasheet
334Kb / 26P
   This application note provides guidelines for successfully integrating
AN4504 STMICROELECTRONICS-AN4504 Datasheet
797Kb / 41P
   This document is intended to provide usage information
logo
Dynex Semiconductor
AN4505 DYNEX-AN4505 Datasheet
116Kb / 5P
   Power Assemblies
logo
STMicroelectronics
AN4505 STMICROELECTRONICS-AN4505 Datasheet
984Kb / 43P
   This document is intended to provide usage information
More results

Similar Description - AN45

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN892 SILABS-AN892 Datasheet
314Kb / 16P
   DESIGN GUIDE FOR ISOLATED DC/DC USING THE
logo
Power Integrations, Inc...
DPA424PN POWERINT-DPA424PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
DPA422PN POWERINT-DPA422PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
logo
Silicon Laboratories
SI537X-EVB SILABS-SI537X-EVB Datasheet
922Kb / 41P
   EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
AN901 SILABS-AN901 Datasheet
634Kb / 25P
   DESIGN GUIDE FOR ISOLATED DC/DC
logo
Power Integrations, Inc...
DPA422GN POWERINT-DPA422GN Datasheet
1Mb / 20P
   DPA-Switch DC-DC Forward Converter Design Guide
logo
Silicon Laboratories
AN611 SILABS-AN611 Datasheet
1Mb / 10P
   USING THE ISOVOLT DC/DC CONVERTER REFERENCE DESIGN
logo
Power Integrations, Inc...
DPA425GN POWERINT-DPA425GN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
DPA423GN POWERINT-DPA423GN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
DPA425PN POWERINT-DPA425PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com