Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

298D Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. 298D
Description  Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

298D Datasheet(HTML) 4 Page - Vishay Siliconix

  298D Datasheet HTML 1Page - Vishay Siliconix 298D Datasheet HTML 2Page - Vishay Siliconix 298D Datasheet HTML 3Page - Vishay Siliconix 298D Datasheet HTML 4Page - Vishay Siliconix 298D Datasheet HTML 5Page - Vishay Siliconix 298D Datasheet HTML 6Page - Vishay Siliconix 298D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40065
41
Revision: 22-Oct-07
298D
Solid Tantalum Chip Capacitors
MICROTANTM Lead Frameless Molded
Vishay Sprague
ENVIRONMENTAL PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Life Test at + 85 °C
1000 h application of rated voltage at
85 °C with a 3
Ω series resistance,
MIL-STD 202G Method 108A
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Not to exceed 150 % of initial
Leakage Current
Not to exceed 200 % of initial
Humidity Tests
At 40 °C/90 % RH 500 h, no voltage
applied. MIL-STD 202G Method 103B
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Not to exceed 150 % of initial
Leakage Current
Not to exceed 200 % of initial
Thermal Shock
At - 55 °C/+ 125 °C, 30 min. each,
for 5 cycles. MIL-STD 202G Method 107G
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Not to exceed 150 % of initial
Leakage Current
Not to exceed 200 % of initial
MECHANICAL PERFORMANCE CHARACTERISTICS
TEST CONDITION
CONDITION
POST TEST PERFORMANCE
Terminal Strength
Apply a pressure load of 5 N for 10 ± 1 s
horizontally to the center of capacitor side body.
AECQ-200 rev. C Method 006
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Substrate Bending
(Board flex)
With parts soldered onto substrate test board,
apply force to the test board for a deflection
of 1 mm. AECQ-200 rev. C Method 005
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
Vibration
MIL-STD-202G, Method 204D,
10 Hz to 2000 Hz, 20 G Peak
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Shock
Mil-Std-202G, Method 213B, Condition I,
100G Peak
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Resistance to Solder
Heat
At 260 °C, for 10 seconds, reflow
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Not to exceed 150 % of initial
Leakage Current
Not to exceed 200 % of initial
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Solderability
MIL-STD-202G, Method 208H, ANSI/J-Std-002,
Test B. Applies only to Solder and tin plated
terminations. Does not apply to gold terminations.
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Resistance to
Solvents
MIL-STD-202, Method 215D
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Flammability
Encapsulation materials meet UL94 VO with an
oxygen index of 32 %.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
594D Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated Maximum CV Low ESR 1  2  3  4  5  More Vishay Siliconix
CWR11DB105MBA SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  Kemet Corporation
T493A227M006AB6110 SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  More Kemet Corporation
T494A105M035AT SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  More Kemet Corporation
T495 SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  More Kemet Corporation
T496 SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  More Kemet Corporation
T498 SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  Kemet Corporation
T510 SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  Kemet Corporation
595D Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated Maximum CV 1  2  3  4  5  More Vishay Siliconix
B45192 Tantalum Chip Capacitors 1  2  3  4  5  More EPCOS

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn