Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

298D Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. 298D
Description  Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

298D Datasheet(HTML) 5 Page - Vishay Siliconix

  298D Datasheet HTML 1Page - Vishay Siliconix 298D Datasheet HTML 2Page - Vishay Siliconix 298D Datasheet HTML 3Page - Vishay Siliconix 298D Datasheet HTML 4Page - Vishay Siliconix 298D Datasheet HTML 5Page - Vishay Siliconix 298D Datasheet HTML 6Page - Vishay Siliconix 298D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
298D
Vishay Sprague
Solid Tantalum Chip Capacitors
MICROTANTM Lead Frameless Molded
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40065
42
Revision: 22-Oct-07
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
1
10
100
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
22 µF - 4 V
IMPEDANCE
ESR
0.1
1
10
100
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
47 µF - 4 V
IMPEDANCE
ESR
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
10 µF - 6 V
IMPEDANCE
ESR
0.1
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
4.7 µF - 10 V
IMPEDANCE
ESR
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
10 µF - 10 V
IMPEDANCE
ESR
1
10
100
1000
10 000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
1 µF - 16 V
IMPEDANCE
ESR


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
594D Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated Maximum CV Low ESR 1  2  3  4  5  More Vishay Siliconix
CWR11DB105MBA SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  Kemet Corporation
T493A227M006AB6110 SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  More Kemet Corporation
T494A105M035AT SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  More Kemet Corporation
T495 SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  More Kemet Corporation
T496 SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  More Kemet Corporation
T498 SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  Kemet Corporation
T510 SOLID TANTALUM CHIP CAPACITORS 1  2  3  4  5  Kemet Corporation
595D Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated Maximum CV 1  2  3  4  5  More Vishay Siliconix
B45192 Tantalum Chip Capacitors 1  2  3  4  5  More EPCOS

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn