Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29WS128PABBFW003 Datasheet(PDF) 9 Page - SPANSION

Part # S29WS128PABBFW003
Description  MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS128PABBFW003 Datasheet(HTML) 9 Page - SPANSION

Back Button S29WS128PABBFW003 Datasheet HTML 5Page - SPANSION S29WS128PABBFW003 Datasheet HTML 6Page - SPANSION S29WS128PABBFW003 Datasheet HTML 7Page - SPANSION S29WS128PABBFW003 Datasheet HTML 8Page - SPANSION S29WS128PABBFW003 Datasheet HTML 9Page - SPANSION S29WS128PABBFW003 Datasheet HTML 10Page - SPANSION S29WS128PABBFW003 Datasheet HTML 11Page - SPANSION S29WS128PABBFW003 Datasheet HTML 12Page - SPANSION S29WS128PABBFW003 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
September 28, 2007 S29WS-P_00_A11
S29WS-P
9
Data
She e t
1.
Ordering Information
The ordering part number is formed by a valid combination of the following:
1.1
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading S29 and packing type designator from ordering part number.
S29WS
512
P
xx
BA
W
00
0
Packing Type
0
= Tray (standard; see note 1)
2
= 7-inch Tape and Reel
3
= 13-inch Tape and Reel
Model Number
(Chip Enable Options)
00 = Default
Temperature Range
W = Wireless (–25
°C to +85°C)
Package Type And Material
BA = Very Thin Fine-Pitch BGA, Lead (Pb)-free Compliant Package
BF = Very Thin Fine-Pitch BGA, Lead (Pb)-free Package
Speed Option (Burst Frequency)
0L = 54 MHz
0P = 66 MHz
0S = 80 MHz
AB = 104 MHz
Process Technology
P = 90 nm MirrorBit
®Technology
Flash Density
512= 512 Mb
256= 256 Mb
128= 128 Mb
Device Family
S29WS =1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS512P Valid Combinations (Notes 1, 2)
Model
Numbers
Package Type
(Note 2)
Base Ordering
Part Number
Product
Status
Speed
Option
Package Type, Material, &
Temperature Range
Packing
Type
S29WS512P
Advance
0L, 0P,
0S, AB
BAW (Lead (Pb)-free
Compliant),
BFW (Lead (Pb)-free)
0, 2, 3
(Note 1)
00
11.6 mm x 8 mm
84-ball
MCP-Compatible
S29WS256P
S29WS128P
11.6 mm x 8 mm
84-ball
MCP-Compatible


Similar Part No. - S29WS128PABBFW003

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS128PABBFW003 SPANSION-S29WS128PABBFW003 Datasheet
1Mb / 89P
   512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
More results

Similar Description - S29WS128PABBFW003

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS-P SPANSION-S29WS-P Datasheet
1Mb / 89P
   512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
logo
Cypress Semiconductor
S29WS512P CYPRESS-S29WS512P Datasheet
1,002Kb / 91P
   512/256/128 Mb (32/16/8 M x 16 bit), 1.8 V, Simultaneous Read/Write Flash
logo
SPANSION
S29PL-N SPANSION-S29PL-N Datasheet
1Mb / 85P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29PL-N SPANSION-S29PL-N_07 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29NS-N SPANSION-S29NS-N_07 Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com