Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

1N5832 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part No. 1N5832
Description  SCHOTTKY DIODES STUD TYPE 40 A
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEL [TRANSYS Electronics Limited]
Homepage  http://www.transyselectronics.com
Logo 

1N5832 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High Surge Capability
Types up to 40V
Maximum Ratings
Operating Temperature: -65 C to +150
Storage Temperature: -65 C to +175
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
40A
T
C =100
Peak Forward Surge
Current
IFSM
800A
8.3ms , half sine
Maximum
Instantaneous
Forward Voltage
VF
IR
mA
TJ = 25
T
= 25
V RRM
Maximum Thermal
Resistance,Junction
To Case
R jc
C/W
0.52V
I FM =40 A
DO-5
DO-5
M
M
N
N
B
B
C
C
J
J
P
P
F
F
G
G
D
D
E
E
A
A
K
K
Notes:
1.Standard Polarity:Stud is Cathode
2.Reverse Polarity:Stud is Anode
1N5833(R)
1N5832(R)
1N5834(R)
20V
30V
40V
14V
21V
28V
20V
30V
40V
mA
20
250
1.5
TJ = 125
0.55V
0.59V
; j
(1N5832)
(1N5833)
(1N5834)
SCHOTTKY DIODES STUD TYPE 40 A
1N5832(R)
THRU
1N5834(R)
40Amp Rectifier
20-40 Volts
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼ 1/4 -28 Threads
Standard
Polarity
B
.669
.687
17.19
17.44
C
-----
.794
-----
20.16
D
-----
1.020
-----
25.91
E
.422
.453
10.72
11. 50
F
.115
.200
2.93
5.08
G
-----
.460
-----
11.68
H
.
.
J
-----
.375
-----
9.52
K
.156
-----
3.96
-----
M
-----
.667
-----
16.94
N
-----
.080
-----
2.03
P
.140
.175
3.56
4.45
-----
-----
-----
-----
NOTE (1)
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
Voltage
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)
Transys
Electronics
LI M ITE D


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N5829SCHOTTKY DIODES STUD TYPE 25 A 1 2 TRANSYS Electronics Limited
SBL3040CSCHOTTKY BARRIER RECTIFIER DIODES 1 2 Unisonic Technologies
1PS70SB40General-purpose Schottky diodes 1 2 3 4 5 MoreNXP Semiconductors
CDSV6-4448TI-GSmall Signal Schottky Diodes 1 2 Comchip Technology
BAS70WSURFACE MOUNT SCHOTTKY DIODES 1 2 3 Pan Jit International Inc.
RB751V-40SURFACE MOUNT SCHOTTKY DIODES 1 2 3 Pan Jit International Inc.
SBT150-06JSchottky Barrier Diode Twin Type · Cathode Common 60V 15A Rectifier 1 2 3 Sanyo Semicon Device
SBT350-10LSchottky Barrier Diode Twin Type · Cathode Common 100V 35A Rectifier 1 2 3 Sanyo Semicon Device
SMS1546Surface Mount Mixer and Detector Schottky Diodes 1 2 3 Alpha Industries
SD106WSSCHOTTKY DIODES 1 2 3 Unisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn