Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

1N5829 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part No. 1N5829
Description  SCHOTTKY DIODES STUD TYPE 25 A
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEL [TRANSYS Electronics Limited]
Homepage  http://www.transyselectronics.com
Logo 

1N5829 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Te mperature -
Figure .2- Forward Derat ing Curve
0
180
30
60
90
120
0
10
150
Instantaneous Forward Voltage - Volts
Figure .1-Typical Forward Characteristics
Volts
1
100
4
0
150
8
Figure
Peak Forward Surge Current
Number Of Cycles At 60Hz - Cycles
Cycles
2
6
10
20
60 80
40
Revers Voltage - Volts
Figure .4- Typical Reverse Characteristics
Volts
40
60
200
100
50
10
20
30
40
.1
.2
.4
.6
1
2
4
6
10
20
400
600
1000
300
450
600
750
900
0
0.2
0.4
0.6
0.8
1.0
1.2
1.0
10
15
25
5
.01
.02
.04
.06
0
20
30
1N5829(R) THRU 1N6096(R)
25 C
125 C
2.0
20
4.0
6.0
40
60
100
1N6095~1N6096
1N5829~1N5831
Tj =125 C
T
J =25
T
J =75
Tj =150 C
.3-
Single Phase, Half Wave
60Hz Resistive or Inductive Load
8.3ms Single Half
Sine Wave
JEDEC method T
J =25
Transys
Electronics
LI M ITE D


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SBL3040CSCHOTTKY BARRIER RECTIFIER DIODES 1 2 Unisonic Technologies
1PS70SB40General-purpose Schottky diodes 1 2 3 4 5 MoreNXP Semiconductors
CDSV6-4448TI-GSmall Signal Schottky Diodes 1 2 Comchip Technology
BAS70WSURFACE MOUNT SCHOTTKY DIODES 1 2 3 Pan Jit International Inc.
RB751V-40SURFACE MOUNT SCHOTTKY DIODES 1 2 3 Pan Jit International Inc.
SBT150-10JSSchottky Barrier Diode Twin Type · Cathode Common 100V 15A Rectifier 1 2 3 Sanyo Semicon Device
SMS1546Surface Mount Mixer and Detector Schottky Diodes 1 2 3 Alpha Industries
SD106WSSCHOTTKY DIODES 1 2 3 Unisonic Technologies
APT2X61S20JHIGH VOLTAGE SCHOTTKY DIODES 1 2 3 4 Microsemi Corporation
BAS70WSSURFACE MOUNT SCHOTTKY DIODES 1 2 3 Pan Jit International Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn