Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA6507 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6507
Description  LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6507 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TCA6507 Datasheet HTML 24Page - Texas Instruments TCA6507 Datasheet HTML 25Page - Texas Instruments TCA6507 Datasheet HTML 26Page - Texas Instruments TCA6507 Datasheet HTML 27Page - Texas Instruments TCA6507 Datasheet HTML 28Page - Texas Instruments TCA6507 Datasheet HTML 29Page - Texas Instruments TCA6507 Datasheet HTML 30Page - Texas Instruments TCA6507 Datasheet HTML 31Page - Texas Instruments TCA6507 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - TCA6507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507 TI-TCA6507 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PW TI-TCA6507PW Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PW TI1-TCA6507PW Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA6507PWG4 TI-TCA6507PWG4 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PWG4 TI1-TCA6507PWG4 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
More results

Similar Description - TCA6507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
ATMEL Corporation
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com