Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29WS256P0LBFW002 Datasheet(PDF) 10 Page - SPANSION

Part # S29WS256P0LBFW002
Description  MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS256P0LBFW002 Datasheet(HTML) 10 Page - SPANSION

Back Button S29WS256P0LBFW002 Datasheet HTML 6Page - SPANSION S29WS256P0LBFW002 Datasheet HTML 7Page - SPANSION S29WS256P0LBFW002 Datasheet HTML 8Page - SPANSION S29WS256P0LBFW002 Datasheet HTML 9Page - SPANSION S29WS256P0LBFW002 Datasheet HTML 10Page - SPANSION S29WS256P0LBFW002 Datasheet HTML 11Page - SPANSION S29WS256P0LBFW002 Datasheet HTML 12Page - SPANSION S29WS256P0LBFW002 Datasheet HTML 13Page - SPANSION S29WS256P0LBFW002 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
10
S29WS-P
S29WS-P_00_A11 September 28, 2007
Da ta
Sh e e t
2.
Input/Output Descriptions & Logic Symbol
Table identifies the input and output package connections provided on the device.
Table 2.1 Input/Output Descriptions
Symbol
Type
Description
AMAX–A0
Input
Address lines (Amax = 24 for WS512P 1CE# option, 23 for WS512P 2CE# option, 23 for WS256P, and
22 for WS128P)
DQ15–DQ0
I/O
Data input/output.
CE#
Input
Chip Enable. Asynchronous relative to CLK.
OE#
Input
Output Enable. Asynchronous relative to CLK.
WE#
Input
Write Enable.
VCC
Supply
Device Power Supply
VCCQ
Supply
Device Input/Output Power Supply (Must be ramped simultaneously with VCC)
VSS
Supply
Ground.
NC
No Connect
Not connected internally.
RDY
Output
Ready. Indicates when valid burst data is ready to be read.
CLK
Input
Clock Input. In burst mode, after the initial word is output, subsequent active edges of CLK increment
the internal address counter. Should be at VIL or VIH while in asynchronous mode.
AVD#
Input
Address Valid. Indicates to device that the valid address is present on the address inputs.
When low during asynchronous mode, indicates valid address; when low during burst mode, causes
starting address to be latched at the next active clock edge.
When high, device ignores address inputs.
RESET#
Input
Hardware Reset. Low = device resets and returns to reading array data.
WP#
Input
Write Protect. At VIL, disables program and erase functions in the four outermost sectors. Should be at
VIH for all other conditions.
ACC
Input
Acceleration Input. At VHH, accelerates programming; automatically places device in unlock bypass
mode. At VIL, disables all program and erase functions. Should be at VIH for all other conditions.
RFU
Reserved
Reserved for future use (see MCP look-ahead pinout for use with MCP).


Similar Part No. - S29WS256P0LBFW002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS256P0LBFW002 SPANSION-S29WS256P0LBFW002 Datasheet
1Mb / 89P
   512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
More results

Similar Description - S29WS256P0LBFW002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS-P SPANSION-S29WS-P Datasheet
1Mb / 89P
   512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
logo
Cypress Semiconductor
S29WS512P CYPRESS-S29WS512P Datasheet
1,002Kb / 91P
   512/256/128 Mb (32/16/8 M x 16 bit), 1.8 V, Simultaneous Read/Write Flash
logo
SPANSION
S29PL-N SPANSION-S29PL-N Datasheet
1Mb / 85P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29PL-N SPANSION-S29PL-N_07 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29NS-N SPANSION-S29NS-N_07 Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com