Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XDUR14A Datasheet(PDF) 3 Page - SunLED Corporation

Part No. XDUR14A
Description  14.2mm (0.56") SINGLE DIGIT NUMERIC DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNLED [SunLED Corporation]
Homepage  http://www.sunled.com
Logo 

XDUR14A Datasheet(HTML) 3 Page - SunLED Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Published Date : MAY 29,2005
Drawing No : XDSA0215
V4
Checked : Shin Chi
P.3/3
www.SunLED.com
Part Number:
XDUR14A
14.2mm (0.56") SINGLE DIGIT NUMERIC DISPLAY
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical
accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn