Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XDUR14A Datasheet(PDF) 1 Page - SunLED Corporation

Part No. XDUR14A
Description  14.2mm (0.56") SINGLE DIGIT NUMERIC DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNLED [SunLED Corporation]
Homepage  http://www.sunled.com
Logo 

XDUR14A Datasheet(HTML) 1 Page - SunLED Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Published Date : MAY 29,2005
Drawing No : XDSA0215
V4
Checked : Shin Chi
P.1/3
www.SunLED.com
Part Number:
XDUR14A
14.2mm (0.56") SINGLE DIGIT NUMERIC DISPLAY
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
XDUR14A
Red
GaAsP/GaP
1200
6390
627
Common Anode, Rt. Hand Decimal
UR
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission
(IF=10mA)
λ p
627
nm
Wavelength of Dominant
Emission
(IF=10mA)
λ D
625
nm
Spectral Line Full Width At
Half-Maximum
(IF=10mA)
∆λ
45
nm
Capacitance
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C))))
Absolute maximum ratings
(TA=25°C))))
UR
(GaAsP/GaP) Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
160
mA
Power Dissipation
PT
105
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 5 Seconds
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
Features
0.56 INCH DIGIT HEIGHT .
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C.COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD: GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn