Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3320AIDCKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF3320AIDCKR
Description  3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3320AIDCKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF3320AIDCKR Datasheet HTML 2Page - Texas Instruments REF3320AIDCKR Datasheet HTML 3Page - Texas Instruments REF3320AIDCKR Datasheet HTML 4Page - Texas Instruments REF3320AIDCKR Datasheet HTML 5Page - Texas Instruments REF3320AIDCKR Datasheet HTML 6Page - Texas Instruments REF3320AIDCKR Datasheet HTML 7Page - Texas Instruments REF3320AIDCKR Datasheet HTML 8Page - Texas Instruments REF3320AIDCKR Datasheet HTML 9Page - Texas Instruments REF3320AIDCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
Frequency(Hz)
I
=1mA
LOAD
C
=1 F
m
LOAD
2.503
2.502
2.501
2.500
2.499
2.498
2.495
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply(V)
2.497
2.496
-
°
40 C
+25 C
°
+125 C
°
I
=0mA
LOAD
400 s/div
m
V
IN
V
OUT
2.503
2.502
2.501
2.500
2.499
2.498
2.497
2.496
2.495
-5.0
-2.5
0
2.5
5.0
LoadCurrent(mA)
V =5V
S
+125 C
°
+25 C
°
-
°
40 C
1s/div
100 s/div
m
V
IN
V
OUT
REF3312,, REF3318
REF3320, REF3325
REF3330, REF3333
SBOS392A – AUGUST 2007 – REVISED SEPTEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VIN = +5V. REF3325 is used for typical characteristic measurements, unless otherwise noted.
PSRR vs FREQUENCY
OUTPUT vs SUPPLY
Figure 7.
Figure 8.
STEP RESPONSE
OUTPUT VOLTAGE vs LOAD CURRENT
CL = 1μF STARTUP
Figure 9.
Figure 10.
LINE TRANSIENT
0.1Hz TO 10Hz NOISE
(CL = 1μF, IOUT = 0mA)
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): REF3312 REF3318 REF3320 REF3325 REF3330 REF3333


Similar Part No. - REF3320AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3320AIDCKR TI1-REF3320AIDCKR Datasheet
1Mb / 32P
[Old version datasheet]   Drift Voltage Reference
REF3320AIDCKR TI1-REF3320AIDCKR Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3320AIDCKR TI1-REF3320AIDCKR Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
REF3320AIDCKRG4 TI1-REF3320AIDCKRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Drift Voltage Reference
REF3320AIDCKRG4 TI1-REF3320AIDCKRG4 Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
More results

Similar Description - REF3320AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3312 TI-REF3312_15 Datasheet
1Mb / 32P
[Old version datasheet]   REF33xx 3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/째C Drift Voltage Reference
REF3312 TI1-REF3312_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
REF3312 TI1-REF3312_16 Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF2912 TI-REF2912_15 Datasheet
618Kb / 17P
[Old version datasheet]   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912_07 Datasheet
409Kb / 16P
   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF2912 TI-REF2912_08 Datasheet
581Kb / 15P
[Old version datasheet]   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF3012 TI-REF3012_15 Datasheet
622Kb / 17P
[Old version datasheet]   50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF3312 TI1-REF3312 Datasheet
1Mb / 32P
[Old version datasheet]   Drift Voltage Reference
REF3325-DIE TI1-REF3325-DIE Datasheet
59Kb / 4P
[Old version datasheet]   DRIFT VOLTAGE REFERENCE
REF3033-Q1 TI1-REF3033-Q1 Datasheet
737Kb / 17P
[Old version datasheet]   50 ppm/째C MAX, 50 關A, CMOS VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com