Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9218 Datasheet(PDF) 20 Page - SMSC Corporation

Part # LAN9218
Description  High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9218 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button LAN9218 Datasheet HTML 16Page - SMSC Corporation LAN9218 Datasheet HTML 17Page - SMSC Corporation LAN9218 Datasheet HTML 18Page - SMSC Corporation LAN9218 Datasheet HTML 19Page - SMSC Corporation LAN9218 Datasheet HTML 20Page - SMSC Corporation LAN9218 Datasheet HTML 21Page - SMSC Corporation LAN9218 Datasheet HTML 22Page - SMSC Corporation LAN9218 Datasheet HTML 23Page - SMSC Corporation LAN9218 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 133 page
background image
High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.8 (06-06-07)
20
SMSC
LAN9218
DATASHEET
Note 2.1
Please refer to the SMSC application note AN14.10 - “Migrating from LAN9118 to the
LAN9218I” for additional details.
2.1
Buffer Types
3,65
Core Voltage
Decoupling
VDD_CORE
P
2
+1.8 V from internal core regulator.
Both pins must be connected
together externally. Each pin requires
a 0.01uF decoupling capacitor. In
addition, pin 3 requires a bulk 10uF
capacitor (<2 Ohm ESR) in parallel.
See Note 2.1.
1,66
Core Ground
GND_CORE
P
2
Ground for internal digital logic
7
PLL Power
VDD_PLL
P
1
+1.8V Power from the internal PLL
regulator. This pin must be connected
to a 10uF capacitor (<2 Ohm ESR), in
parallel with a 0.01uF capacitor to
ground. See Note 2.1.
4
PLL Ground
VSS_PLL
P
1
GND for the PLL
8
Reference Power
VDD_REF
P
1
Connected to 3.3v power and used
as the reference voltage for the
internal PLL
11
Reference Ground
VSS_REF
P
1
Ground for internal PLL reference
voltage
Table 2.6 Buffer Types
TYPE
DESCRIPTION
I
Input pin
IS
Schmitt triggered Input
O12
Output with 12mA sink and 12mA source
OD12
Open-drain output with 12mA sink
IO8
I/O with 8mA symmetrical drive
OD8
Open-drain output with 8mA sink
O8
Output 8mA symmetrical drive
PU
50uA (typical) internal pull-up
PD
50uA (typical) internal pull-down
AI
Analog input
AO
Analog output
Table 2.5 System and Power Signals (continued)
PIN
NO.
NAME
SYMBOL
BUFFER
TYPE
NUM
PINS
DESCRIPTION


Similar Part No. - LAN9218

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 130P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218-MT SMSC-LAN9218-MT Datasheet
1Mb / 130P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218-MT SMSC-LAN9218-MT Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218-MT-E2 SMSC-LAN9218-MT-E2 Datasheet
1Mb / 130P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
More results

Similar Description - LAN9218

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 130P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9217 SMSC-LAN9217 Datasheet
1Mb / 134P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_07 Datasheet
1Mb / 137P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_12 Datasheet
1Mb / 139P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218I SMSC-LAN9218I Datasheet
1Mb / 130P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX & Industrial Temperature Support
LAN9218I SMSC-LAN9218I_07 Datasheet
1Mb / 133P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9218I SMSC-LAN9218I_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9211 SMSC-LAN9211 Datasheet
1Mb / 144P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9215 SMSC-LAN9215 Datasheet
1Mb / 134P
   Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com