Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH16244BDGG Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74LVTH16244BDGG
Description  3.3 V 16-bit buffer/driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVTH16244BDGG Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74LVTH16244BDGG Datasheet HTML 8Page - NXP Semiconductors 74LVTH16244BDGG Datasheet HTML 9Page - NXP Semiconductors 74LVTH16244BDGG Datasheet HTML 10Page - NXP Semiconductors 74LVTH16244BDGG Datasheet HTML 11Page - NXP Semiconductors 74LVTH16244BDGG Datasheet HTML 12Page - NXP Semiconductors 74LVTH16244BDGG Datasheet HTML 13Page - NXP Semiconductors 74LVTH16244BDGG Datasheet HTML 14Page - NXP Semiconductors 74LVTH16244BDGG Datasheet HTML 15Page - NXP Semiconductors 74LVTH16244BDGG Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Philips Semiconductors
74LVT16244B; 74LVTH16244B
3.3 V 16-bit buffer/driver; 3-state
© Koninklijke Philips Electronics N.V. 2006.
All rights reserved.
For more information, please visit: http://www.semiconductors.philips.com.
For sales office addresses, email to: sales.addresses@www.semiconductors.philips.com.
Date of release: 21 March 2006
Document identifier: 74LVT_LVTH16244B_5
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
18. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Quick reference data . . . . . . . . . . . . . . . . . . . . . 1
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
5
Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 3
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3
7
Functional description . . . . . . . . . . . . . . . . . . . 5
7.1
Function table . . . . . . . . . . . . . . . . . . . . . . . . . . 5
8
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5
9
Recommended operating conditions. . . . . . . . 6
10
Static characteristics. . . . . . . . . . . . . . . . . . . . . 6
11
Dynamic characteristics . . . . . . . . . . . . . . . . . . 7
12
Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
13
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 11
14
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 14
15
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 14
16
Legal information. . . . . . . . . . . . . . . . . . . . . . . 15
16.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 15
16.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
16.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
16.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
17
Contact information. . . . . . . . . . . . . . . . . . . . . 15
18
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16


Similar Part No. - 74LVTH16244BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH16244BDGG NXP-74LVTH16244BDGG Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVTH16244BDGG NXP-74LVTH16244BDGG Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
logo
Nexperia B.V. All right...
74LVTH16244BDGG NEXPERIA-74LVTH16244BDGG Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
More results

Similar Description - 74LVTH16244BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVT16244B NXP-74LVT16244B_10 Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
74LVTN16244B PHILIPS-74LVTN16244B_15 Datasheet
193Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 5-2 April 2012
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com