Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH16244BDL Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVTH16244BDL
Description  3.3 V 16-bit buffer/driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVTH16244BDL Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVTH16244BDL Datasheet HTML 5Page - NXP Semiconductors 74LVTH16244BDL Datasheet HTML 6Page - NXP Semiconductors 74LVTH16244BDL Datasheet HTML 7Page - NXP Semiconductors 74LVTH16244BDL Datasheet HTML 8Page - NXP Semiconductors 74LVTH16244BDL Datasheet HTML 9Page - NXP Semiconductors 74LVTH16244BDL Datasheet HTML 10Page - NXP Semiconductors 74LVTH16244BDL Datasheet HTML 11Page - NXP Semiconductors 74LVTH16244BDL Datasheet HTML 12Page - NXP Semiconductors 74LVTH16244BDL Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74LVT_LVTH16244B_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 21 March 2006
9 of 16
Philips Semiconductors
74LVT16244B; 74LVTH16244B
3.3 V 16-bit buffer/driver; 3-state
12. Waveforms
Measurements points are given in Table 9.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 5.
Propagation delay input (nAn) to output (nYn)
Measurements points are given in Table 9.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 6.
3-state output enable and disable times
Table 9.
Measurement points
Input
Output
VM
VM
VX
VY
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
mna171
nAn input
nYn output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
001aae464
tPZL
nYn output
nYn output
nOE input
VOL
VOH
3.0 V
VI
VM
GND
0 V
tPLZ
tPZH
tPHZ
VX
VY
VM
VM


Similar Part No. - 74LVTH16244BDL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH16244BDL NXP-74LVTH16244BDL Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVTH16244BDL NXP-74LVTH16244BDL Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
More results

Similar Description - 74LVTH16244BDL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVT16244B NXP-74LVT16244B_10 Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
74LVTN16244B PHILIPS-74LVTN16244B_15 Datasheet
193Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 5-2 April 2012
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com