Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD7575PS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LD7575PS
Description  Green-Mode PWM Controller with High-Voltage Start-Up Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD7575PS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button LD7575PS Datasheet HTML 4Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 5Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 6Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 7Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 8Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 9Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 10Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 11Page - List of Unclassifed Manufacturers LD7575PS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LD7575
8
Leadtrend Technology Corporation
LD7575-DS-04a June 2007
Application Information
Operation Overview
As long as the green power requirement becomes a trend
and the power saving is getting more and more important for
the switching power supplies and switching adaptors, the
traditional PWM controllers are not able to support such new
requirements. Furthermore, the cost and size limitation force
the PWM controllers need to be powerful to integrate more
functions to reduce the external part counts.
The LD7575
is targeted on such application to provide an easy and cost
effective solution; its detail features are described as below:
Internal High-Voltage Startup Circuit and
Under Voltage Lockout (UVLO)
R1
OUT
CS
VCC
GND
LD7575
C1
Cbulk
D1
Rs
Comp
Vin
HV
Fig. 13
Traditional circuit powers up the PWM controller through a
startup resistor to provide the startup current. However, the
startup resistor consumes significant power which is more
and more critical whenever the power saving requirement is
coming tight.
Theoretically, this startup resistor can be
very high resistance value.
However, higher resistor value
will cause longer startup time.
To achieve an optimized topology, as shown in figure 13,
LD7575 implements a high-voltage startup circuit for such
requirement. During the startup, a high-voltage current
source sinks current from the bulk capacitor to provide the
startup current as well as charge the Vcc capacitor C1.
During the startup transient, the Vcc is lower than the UVLO
threshold thus the current source is on to supply a current
with 1mA.
Meanwhile, the Vcc supply current is as low as
100
µA thus most of the HV current is utilized to charge the
Vcc capacitor.
By using such configuration, the turn-on
delay time will be almost same no matter under low-line or
high-line conditions.
Whenever the Vcc voltage is higher than UVLO(on) to
power on the LD7575 and further to deliver the gate drive
signal, the high-voltage current source is off and the supply
current is provided from the auxiliary winding of the
transformer.
Therefore, the power losses on the startup
circuit can be eliminated and the power saving can be easily
achieved.
An UVLO comparator is included to detect the voltage on
the Vcc pin to ensure the supply voltage enough to power
on the LD7575 PWM controller and in addition to drive the
power MOSFET.
As shown in Fig. 14, a hysteresis is
provided to prevent the shutdown from the voltage dip
during startup.
The turn-on and turn-off threshold level are
set at 16V and 10.0V, respectively.
Vcc
UVLO(on)
UVLO(off)
t
t
HV Current
1mA
Startup Current
(<100uA)
Vcc current
~ 0mA (off)
Operating Current
(Supply from Auxiliary Winding)
Fig. 14


Similar Part No. - LD7575PS

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7575PS LEADTREND-LD7575PS Datasheet
340Kb / 17P
   Green-Mode PWM Controller with High-Voltage Start-Up Circuit
More results

Similar Description - LD7575PS

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7575 LEADTREND-LD7575 Datasheet
340Kb / 17P
   Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
Semtech Corporation
SC4812 SEMTECH-SC4812 Datasheet
208Kb / 15P
   Current Mode PWM Controller with Integrated Start-up Circuit and Op Amp
logo
Excelliance MOS Corp.
EM8671 EXCELLIANCE-EM8671 Datasheet
307Kb / 13P
   HV Start-up Green-mode PWM Controller with Brown-Out Protection
logo
Orister Corporation
RS2051 ORISTER-RS2051 Datasheet
525Kb / 13P
   Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
logo
Unisonic Technologies
UC3869A UTC-UC3869A Datasheet
310Kb / 9P
   HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
List of Unclassifed Man...
OB5269 ETC1-OB5269 Datasheet
377Kb / 1P
   High Voltage Green Mode PWM Controller
logo
Leadtrend Technology
LD7750A LEADTREND-LD7750A Datasheet
444Kb / 19P
   High Voltage Green-Mode PWM Controller
logo
Diodes Incorporated
AP3107Z DIODES-AP3107Z Datasheet
644Kb / 11P
   HIGH VOLTAGE GREEN MODE PWM CONTROLLER
March 2015 Rev. 3 - 3
AP3106 DIODES-AP3106 Datasheet
593Kb / 10P
   HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP3106 BCDSEMI-AP3106 Datasheet
345Kb / 11P
   HIGH VOLTAGE GREEN MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com