Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV393A Datasheet(PDF) 5 Page - Texas Instruments

Part No. SN54LV393A
Description  DUAL 4-BIT BINARY COUNTERS
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN54LV393A Datasheet(HTML) 5 Page - Texas Instruments

  SN54LV393A_07 Datasheet HTML 1Page - Texas Instruments SN54LV393A_07 Datasheet HTML 2Page - Texas Instruments SN54LV393A_07 Datasheet HTML 3Page - Texas Instruments SN54LV393A_07 Datasheet HTML 4Page - Texas Instruments SN54LV393A_07 Datasheet HTML 5Page - Texas Instruments SN54LV393A_07 Datasheet HTML 6Page - Texas Instruments SN54LV393A_07 Datasheet HTML 7Page - Texas Instruments SN54LV393A_07 Datasheet HTML 8Page - Texas Instruments SN54LV393A_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN54LV393A, SN74LV393A
DUAL 4BIT BINARY COUNTERS
SCLS457D − FEBRUARY 2001 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV393A
SN74LV393A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLK high or low
5
5
5
ns
tw
Pulse duration
CLR high
5
5
5
ns
tsu
Setup time
CLR inactive before CLK
6
6
6
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV393A
SN74LV393A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLK high or low
5
5
5
ns
tw
Pulse duration
CLR high
5
5
5
ns
tsu
Setup time
CLR inactive before CLK
5
5
5
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV393A
SN74LV393A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLK high or low
5
5
5
ns
tw
Pulse duration
CLR high
5
5
5
ns
tsu
Setup time
CLR inactive before CLK
4
4
4
ns
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV393A
SN74LV393A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
50*
90*
40*
40
MHz
fmax
CL = 50 pF
30
70
25
25
MHz
QA
7.1*
17.7*
1*
20.5*
1
20.5
tpd
CLK
QB
8.5*
20.3*
1*
23.5*
1
23.5
tpd
CLK
QC
CL = 15 pF
10*
22.5*
1*
26*
1
26
ns
QD
CL = 15 pF
11.1*
24.2*
1*
28*
1
28
ns
tPHL
CLR
Qn
6.7*
14.8*
1*
17*
1
17
QA
9.3
21.3
1
24.5
1
24.5
tpd
CLK
QB
10.9
23.9
1
27.5
1
27.5
tpd
CLK
QC
CL = 50 pF
12.3
26.1
1
30
1
30
ns
QD
CL = 50 pF
13.4
27.8
1
32
1
32
ns
tPHL
CLR
Qn
9.1
17.4
1
20
1
20
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn