Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA110 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # P4SMA110
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4SMA110 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  P4SMA110 Datasheet HTML 1Page - Pan Jit International Inc. P4SMA110 Datasheet HTML 2Page - Pan Jit International Inc. P4SMA110 Datasheet HTML 3Page - Pan Jit International Inc. P4SMA110 Datasheet HTML 4Page - Pan Jit International Inc. P4SMA110 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-MAY.25.2007
P4SMA SERIES
r
e
b
m
u
N
t
r
a
P
e
s
r
e
v
e
R
f
f
o
-
d
n
a
t
S
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
g
a
tl
o
V
t
s
e
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
e
g
a
k
a
e
L
.
x
a
M
p
m
a
l
C
e
g
a
tl
o
V
k
a
e
P
e
s
l
u
P
t
n
e
r
r
u
C
g
n
i
k
r
a
M
e
d
o
C
VRWM
VBR
I
@ T
IT
I R @VRWM
VC @I PP
I PP
.
n
i
M
.
x
a
M
I
N
U
I
B
I
N
U
I
B
V
V
V
A
m
µµµµµ A
µµµµµ A
V
A
I
N
U
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
4
A
3
4
A
M
S
4
P
A
C
3
4
A
M
S
4
P
8
.
6
3
9
.
0
4
2
.
5
4
1
5
5
3
.
9
5
1
.
7
R
X
M
R
X
N
7
4
A
M
S
4
P
C
7
4
A
M
S
4
P
1
.
8
3
3
.
2
4
7
.
1
5
1
5
5
8
.
7
6
2
.
6
S
X
M
S
X
N
A
7
4
A
M
S
4
P
A
C
7
4
A
M
S
4
P
2
.
0
4
7
.
4
4
4
.
9
4
1
5
5
8
.
4
6
5
T
X
M
T
X
N
1
5
A
M
S
4
P
C
1
5
A
M
S
4
P
3
.
1
4
9
.
5
4
1
.
6
5
1
5
5
5
.
3
7
7
.
5
U
X
M
U
X
N
A
1
5
A
M
S
4
P
A
C
1
5
A
M
S
4
P
6
.
3
4
5
.
8
4
6
.
3
5
1
5
5
1
.
0
7
6
V
X
M
V
X
N
6
5
A
M
S
4
P
C
6
5
A
M
S
4
P
6
.
5
4
4
.
0
5
6
.
1
6
1
5
5
5
.
0
8
2
.
5
W
X
M
W
X
N
A
6
5
A
M
S
4
P
A
C
6
5
A
M
S
4
P
8
.
7
4
2
.
3
5
8
.
8
5
1
5
5
7
7
5
.
5
X
X
M
X
X
N
2
6
A
M
S
4
P
C
2
6
A
M
S
4
P
2
.
0
5
8
.
5
5
2
.
8
6
1
5
5
9
8
7
.
4
Y
X
M
Y
X
N
A
2
6
A
M
S
4
P
A
C
2
6
A
M
S
4
P
3
5
9
.
8
5
1
.
5
6
1
5
5
5
8
5
Z
X
M
Z
X
N
8
6
A
M
S
4
P
C
8
6
A
M
S
4
P
1
.
5
5
2
.
1
6
8
.
4
7
1
5
5
8
9
3
.
4
A
Y
M
A
Y
N
A
8
6
A
M
S
4
P
A
C
8
6
A
M
S
4
P
1
.
8
5
6
.
4
6
4
.
1
7
1
5
5
2
9
6
.
4
B
Y
M
B
Y
N
5
7
A
M
S
4
P
C
5
7
A
M
S
4
P
7
.
0
6
5
.
7
6
5
.
2
8
1
5
5
8
0
1
9
.
3
C
Y
M
C
Y
N
A
5
7
A
M
S
4
P
A
C
5
7
A
M
S
4
P
1
.
4
6
3
.
1
7
8
.
8
7
1
5
5
3
0
1
1
.
4
D
Y
M
D
Y
N
2
8
A
M
S
4
P
C
2
8
A
M
S
4
P
4
.
6
6
8
.
3
7
2
.
0
9
1
5
5
8
1
1
6
.
3
E
Y
M
E
Y
N
A
2
8
A
M
S
4
P
A
C
2
8
A
M
S
4
P
1
.
0
7
9
.
7
7
1
.
6
8
1
5
5
3
1
1
7
.
3
F
Y
M
F
Y
N
1
9
A
M
S
4
P
C
1
9
A
M
S
4
P
7
.
3
7
9
.
1
8
0
0
1
1
5
5
1
3
1
2
.
3
G
Y
M
G
Y
N
A
1
9
A
M
S
4
P
A
C
1
9
A
M
S
4
P
8
.
7
7
5
.
6
8
5
.
5
9
1
5
5
5
2
1
4
.
3
H
Y
M
H
Y
N
0
0
1
A
M
S
4
P
C
0
0
1
A
M
S
4
P
1
8
0
9
0
1
1
1
5
5
4
4
1
9
.
2
J
Y
M
J
Y
N
A
0
0
1
A
M
S
4
P
A
C
0
0
1
A
M
S
4
P
5
.
5
8
5
9
5
0
1
1
5
5
7
3
1
1
.
3
K
Y
M
K
Y
N
0
1
1
A
M
S
4
P
C
0
1
1
A
M
S
4
P
2
.
9
8
9
9
1
2
1
1
5
5
8
5
1
7
.
2
L
Y
M
L
Y
N
A
0
1
1
A
M
S
4
P
A
C
0
1
1
A
M
S
4
P
4
9
5
0
1
6
1
1
1
5
5
2
5
1
8
.
2
M
Y
M
M
Y
N
0
2
1
A
M
S
4
P
C
0
2
1
A
M
S
4
P
2
.
7
9
8
0
1
2
3
1
1
5
5
3
7
1
4
.
2
N
Y
M
N
Y
N
A
0
2
1
A
M
S
4
P
A
C
0
2
1
A
M
S
4
P
2
0
1
4
1
1
6
2
1
1
5
5
5
6
1
5
.
2
P
Y
M
P
Y
N
0
3
1
A
M
S
4
P
C
0
3
1
A
M
S
4
P
5
0
1
7
1
1
3
4
1
1
5
5
7
8
1
2
.
2
Q
Y
M
Q
Y
N
A
0
3
1
A
M
S
4
P
A
C
0
3
1
A
M
S
4
P
1
1
1
4
2
1
7
3
1
1
5
5
9
7
1
3
.
2
R
Y
M
R
Y
N
0
5
1
A
M
S
4
P
C
0
5
1
A
M
S
4
P
1
2
1
5
3
1
5
6
1
1
5
5
5
1
2
2
S
Y
M
S
Y
N
A
0
5
1
A
M
S
4
P
A
C
0
5
1
A
M
S
4
P
8
2
1
3
4
1
8
5
1
1
5
5
7
0
2
2
T
Y
M
T
Y
N
0
6
1
A
M
S
4
P
C
0
6
1
A
M
S
4
P
0
3
1
4
4
1
6
7
1
1
5
5
0
3
2
8
.
1
U
Y
M
U
Y
N
A
0
6
1
A
M
S
4
P
A
C
0
6
1
A
M
S
4
P
6
3
1
2
5
1
8
6
1
1
5
5
9
1
2
9
.
1
V
Y
M
V
Y
N
0
7
1
A
M
S
4
P
C
0
7
1
A
M
S
4
P
8
3
1
3
5
1
7
8
1
1
5
5
4
4
2
7
.
1
W
Y
M
W
Y
N
A
0
7
1
A
M
S
4
P
A
C
0
7
1
A
M
S
4
P
5
4
1
2
6
1
9
7
1
1
5
5
4
3
2
8
.
1
X
Y
M
X
Y
N
0
8
1
A
M
S
4
P
A
0
8
1
A
M
S
4
P
6
4
1
2
6
1
8
9
1
1
5
5
8
5
2
6
.
1
Y
Y
M
Y
Y
N
A
0
8
1
A
M
S
4
P
A
C
0
8
1
A
M
S
4
P
4
5
1
1
7
1
9
8
1
1
5
5
6
4
2
7
.
1
Z
Y
M
Z
Y
N
0
0
2
A
M
S
4
P
A
0
0
2
A
M
S
4
P
2
6
1
0
8
1
0
2
2
1
5
5
7
8
2
5
.
1
A
W
M
A
W
N
A
0
0
2
A
M
S
4
P
A
C
0
0
2
A
M
S
4
P
1
7
1
0
9
1
0
1
2
1
5
5
4
7
2
5
.
1
B
W
M
B
W
N
0
2
2
A
M
S
4
P
A
0
2
2
A
M
S
4
P
5
7
1
8
9
1
2
4
2
1
5
5
4
4
3
2
.
1
C
W
M
C
W
N
A
0
2
2
A
M
S
4
P
A
C
0
2
2
A
M
S
4
P
5
8
1
9
0
2
1
3
2
1
5
5
8
2
3
2
.
1
D
W
M
D
W
N
0
5
2
A
M
S
4
P
C
0
5
2
A
M
S
4
P
2
0
2
5
2
2
5
7
2
1
5
5
0
6
3
1
.
1
E
W
M
E
W
N
A
0
5
2
A
M
S
4
P
A
C
0
5
2
A
M
S
4
P
4
1
2
7
3
2
3
6
2
1
5
5
4
4
3
2
.
1
F
W
M
F
W
N


Similar Part No. - P4SMA110

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA110 WTE-P4SMA110 Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P4SMA110 TSC-P4SMA110 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
P4SMA110 TSC-P4SMA110 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P4SMA110 FUJI-P4SMA110 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMA110 PANJIT-P4SMA110 Datasheet
173Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
More results

Similar Description - P4SMA110

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com