Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJSMDA05C-7 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSMDA05C-7
Description  BI-DIRECTIONAL 7-TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSMDA05C-7 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSMDA05C-7 Datasheet HTML 1Page - Pan Jit International Inc. PJSMDA05C-7 Datasheet HTML 2Page - Pan Jit International Inc. PJSMDA05C-7 Datasheet HTML 3Page - Pan Jit International Inc. PJSMDA05C-7 Datasheet HTML 4Page - Pan Jit International Inc. PJSMDA05C-7 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PJSMDA05C-7 SERIES
BI-DIRECTIONAL 7-TVS ARRAY
SPECIFICATION FEATURES
APPLICATIONS
MAXIMUM RATINGS (Per Device)
Rating
Symbol
Value
Units
This 7 TVS/Zener Array family have been designed to Protect Sensitive
Equipment against ESD and to prevent Latch-Up events in CMOS circuitry
operating at 5V, 12V, 15V and 24V. This TVS array offers an integrated
solution to protect up to 7 data lines where the board space is a premium.
350W Power Dissipation (8x20µsec Waveform)
Low Leakage Current, Maximum of 5µA at rated voltage
IEC61000-4-2 ESD 20kV air, 15kV Contact Compliance
Very Low Clamping Voltage
RS-232C or RS-422 Communication ports
GPIB/IEEE 485 Ports
Portable Instrumentation
ELECTRICAL CHARACTERISTICS Tj = 25°C
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8/20µs)
Clamping Voltage (8/20µs)
Off State Junction Capacitance
Off State Junction Capacitance
VWRM
V
BR
I R
c
V
Vc
Cj
Cj
BR
I
=
R
V
=
I
=
pp
I
=
pp
0 Vdc Bias f = 1MHz
Between I/O pins
5 Vdc Bias f = 1MHz
Between I/O pins
5V
6V
µA
5
9.5
V
13
V
100
pF
pF
60
1mA
5V
5A
24A
350
>25
-50 to +125
-50 to +150
W
kV
°C
°C
Peak Pulse Power (8/20µs Waveform)
ESD Voltage (HBM)
Operating Temperature Range
P pp
V ESD
TJ
Tstg
4/3/2006
Page
1
www.panjit.com
PJSMDA05C-7
Storage Temperature Range
Packaged in the Industry Standard SOIC-8
1
4
5
8
1
4
5
8
12
3
4
5
6
7
8
12
3
4
5
6
7
8
Video Signal Ports
SOIC-8
100% Tin Matte Finish (RoHS Compliant)


Similar Part No. - PJSMDA05C-7

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSMDA05C PANJIT-PJSMDA05C Datasheet
64Kb / 4P
   QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMDA05C PANJIT-PJSMDA05C Datasheet
241Kb / 4P
   QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
More results

Similar Description - PJSMDA05C-7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDC24V TSC-TESDC24V_14 Datasheet
118Kb / 5P
   Bi-directional TVS Diode Array
logo
Shanghai Leiditech Elec...
ESD0711C LEIDITECH-ESD0711C Datasheet
1Mb / 4P
   Bi -Directional TVS Diode Array
logo
Diodes Incorporated
D5V0P4B5LP08 DIODES-D5V0P4B5LP08 Datasheet
306Kb / 5P
   4 CHANNEL BI-DIRECTIONAL TVS ARRAY
D5V0P4B5LP08 DIODES-D5V0P4B5LP08_16 Datasheet
443Kb / 5P
   4 CHANNEL BI-DIRECTIONAL TVS ARRAY
logo
Diotech Company.
SMC24 DIOTECH-SMC24 Datasheet
920Kb / 3P
   2-LINE Bi-DIRECTIONAL TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SMC12W LEIDITECH-SMC12W Datasheet
387Kb / 3P
   2-Line Bi-directional TVS Diode Array
SMC05Q LEIDITECH-SMC05Q Datasheet
578Kb / 3P
   2-Line Bi-directional TVS Diode Array
SMC24C LEIDITECH-SMC24C Datasheet
802Kb / 4P
   2-Line Bi-directional TVS Diode Array
logo
Diodes Incorporated
D5V0L2B3SO DIODES-D5V0L2B3SO Datasheet
106Kb / 4P
   CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
logo
SHIKUES Electronics
GBLCXXCI SKTECHNOLGY-GBLCXXCI Datasheet
1Mb / 2P
   Bi-directional Ultra Low Capacitance TVS Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com