Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5NK80ZFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # P5NK80ZFP
Description  N-channel 800V - 1.9廓 - 4.3A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P5NK80ZFP Datasheet(HTML) 3 Page - STMicroelectronics

  P5NK80ZFP Datasheet HTML 1Page - STMicroelectronics P5NK80ZFP Datasheet HTML 2Page - STMicroelectronics P5NK80ZFP Datasheet HTML 3Page - STMicroelectronics P5NK80ZFP Datasheet HTML 4Page - STMicroelectronics P5NK80ZFP Datasheet HTML 5Page - STMicroelectronics P5NK80ZFP Datasheet HTML 6Page - STMicroelectronics P5NK80ZFP Datasheet HTML 7Page - STMicroelectronics P5NK80ZFP Datasheet HTML 8Page - STMicroelectronics P5NK80ZFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STP5NK80Z - STP5NK80ZFP
Electrical ratings
3/15
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
TO-220FP
VDS
Drain-source voltage (VGS = 0)
800
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
4.3
4.3 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC=100°C
2.7
2.7 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
17.2
17.2 (1)
A
PTOT
Total dissipation at TC = 25°C
110
30
W
Derating factor
0.88
0.24
W/°C
VESD(G-S)
Gate source ESD
(HBM-C=100pF, R=1.5
ΚΩ)
3500
V
dv/dt (3)
3.
ISD ≤4.3A, di/dt ≤200A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX.
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1s; Tc= 25°C)
-2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
TO-220FP
Rthj-case
Thermal resistance junction-case max
1.14
4.2
°C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C


Similar Part No. - P5NK80ZFP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P5NK80ZFP VBSEMI-P5NK80ZFP Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - P5NK80ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK80ZFP STMICROELECTRONICS-STP5NK80ZFP Datasheet
378Kb / 10P
   N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESH?줡ower MOSFET
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
   N-channel 800V - 1.3廓 - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
STP9NK80Z STMICROELECTRONICS-STP9NK80Z Datasheet
336Kb / 11P
   N-CHANNEL 800V -0.9ohm - 7.5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
   N-channel 800V - 3.8廓 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_06 Datasheet
432Kb / 18P
   N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
STP3HNK90Z STMICROELECTRONICS-STP3HNK90Z Datasheet
366Kb / 15P
   N-channel 900V - 0.35廓 - 3A - TO-220 - TO-220FP Zener-protected SuperMESH??Power MOSFET
STF6NK70Z STMICROELECTRONICS-STF6NK70Z_06 Datasheet
427Kb / 16P
   N-channel 700V - 1.5廓 - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
STP5NK90Z STMICROELECTRONICS-STP5NK90Z_06 Datasheet
402Kb / 15P
   N-channel 900V - 2廓 - 4.5A - TO-220/TO-220FP Zener - Protected SuperMESH??MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
   N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com