Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4904 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4904
Description  Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4904 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4904 Datasheet HTML 1Page - Maxim Integrated Products MAX4904 Datasheet HTML 2Page - Maxim Integrated Products MAX4904 Datasheet HTML 3Page - Maxim Integrated Products MAX4904 Datasheet HTML 4Page - Maxim Integrated Products MAX4904 Datasheet HTML 5Page - Maxim Integrated Products MAX4904 Datasheet HTML 6Page - Maxim Integrated Products MAX4904 Datasheet HTML 7Page - Maxim Integrated Products MAX4904 Datasheet HTML 8Page - Maxim Integrated Products MAX4904 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Low-RON, Dual-SPST/Single-SPDT Clickless
Switches with Negative Rail Capability
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC, IN_, CMP-......................................................-0.3V to +6.0V
COM_, NO_, NC ................................(VCC - 6V) to (VCC + 0.3V)
CMPO .........................................................-0.3V to (VCC + 0.3V)
Open-Switch Continuous Current NO_, NC
(MAX4902/MAX4904/MAX4905)...................................±30mA
Closed-Switch Continuous Current COM_, NO_, NC.....±100mA
Peak Current COM_, NO_, NC
(Pulsed at 1ms, 50% duty cycle)................................±200mA
Peak Current COM_, NO_, NC
(Pulsed at 1ms, 10% duty cycle)................................±300mA
Continuous Power Dissipation (TA = +70°C)
8-Pin TDFN (derate 18.2mW/°C above +70°C) .........1455mW
9-Bump UCSP (derate 5.2mW/°C above +70°C).........412mW
ESD Method 3015.7 .............................................................±2kV
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Bump Temperature (soldering)
Infrared (15s) ...............................................................+220°C
Vapor Phase (60s) .......................................................+215°C
ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.0V, TA = +25°C, unless other-
wise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Power-Supply Range
VCC
1.8
5.5
V
MAX4901–
MAX4904
0.001
1
Supply Current
I+
VCC = 5.5V,
VIN_ = 0V or VCC
MAX4905
5
10
µA
ANALOG SWITCH
Analog Signal Range
VNO_ VNC,
VCOM_
(Note 2)
VCC -
5.5
VCC
V
TA = +25°C
0.6
1.0
On-Resistance
RON(NC),
RON(NO)
VCC = 2.7V, VNC or VNO_
= VCC - 5.5V, -1V, 0, 1V,
2V, VCC; ICOM = 100mA
(Notes 3, 4)
TA = TMIN to
TMAX
1.2
TA = +25°C
0.01
0.25
On-Resistance Match Between
Channels
∆RON
VCC = 2.7V, INO_ or
INC = 100mA or VNO_
(Notes 3, 4, 5)
TA = TMIN to
TMAX
0.30
TA = +25°C
0.25
0.5
On-Resistance Flatness
RFLAT
VCC = 2.7V, VNC or VNO_
= VCC - 5.5V, -1V, 0, 1V,
2V, VCC; ICOM = 100mA
(Notes 4, 6)
TA = TMIN to
TMAX
0.5


Similar Part No. - MAX4904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX490 MAXIM-MAX490 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX490 MAXIM-MAX490 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX490 MAXIM-MAX490 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
ARTSCHIP ELECTRONICS CO...
MAX490 ARTSCHIP-MAX490 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Maxim Integrated Produc...
MAX490 MAXIM-MAX490 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-0122; Rev 10; 9/14
More results

Similar Description - MAX4904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
AS1747 AMSCO-AS1747 Datasheet
415Kb / 13P
   Low-Voltage, Dual SPDT, Audio Clickless Switch with Negative Rail Capability
logo
STMicroelectronics
STG5678 STMICROELECTRONICS-STG5678 Datasheet
588Kb / 23P
   Low voltage dual SPDT switch with negative rail capability
June 2010 Rev 3
logo
Maxim Integrated Produc...
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
logo
Vishay Siliconix
DG2612 VISHAY-DG2612_V01 Datasheet
203Kb / 8P
   Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability
02-Oct-12
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. C, 29-Dec-08
DG2612 VISHAY-DG2612 Datasheet
162Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. A, 28-Aug-06
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com