Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD844BQ Datasheet(PDF) 5 Page - Analog Devices

Part # AD844BQ
Description  60 MHz, 2000 V/us Monolithic Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844BQ Datasheet(HTML) 5 Page - Analog Devices

  AD844BQ Datasheet HTML 1Page - Analog Devices AD844BQ Datasheet HTML 2Page - Analog Devices AD844BQ Datasheet HTML 3Page - Analog Devices AD844BQ Datasheet HTML 4Page - Analog Devices AD844BQ Datasheet HTML 5Page - Analog Devices AD844BQ Datasheet HTML 6Page - Analog Devices AD844BQ Datasheet HTML 7Page - Analog Devices AD844BQ Datasheet HTML 8Page - Analog Devices AD844BQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. D
AD844
–5–
+VS
4.7
R1
0.22 F
R2
VOUT
CL
RL
0.22 F
4.7
VIN
–VS
+
AD844
TPC 10. Inverting Amplifier,
Gain of –1 (R1 = R2)
FREQUENCY – MHz
–180
050
25
–210
–240
–270
–300
–330
R1 = R2 = 500
R1 = R2 = 1k
TPC 12. Phase vs. Frequency
Gain = –1, RL = 500
Ω, CL = 0 pF
FREQUENCY – Hz
100k
1M
100M
10M
6
–24
0
–6
–12
–18
R1 = R2 = 500
R1 = R2 = 1k
TPC 11. Gain vs. Frequency for
Gain = –1, RL = 500
Ω, CL = 0 pF
TPC 13. Large Signal Pulse
Response, Gain = –1, R1 = R2 = 1 k
TPC 14. Small Signal Pulse
Response, Gain = –1, R1 = R2 = 1 k
Inverting Gain-of-1 AC Characteristics
Inverting Gain-of-10 AC Characteristics
FREQUENCY – Hz
100k
1M
100M
10M
26
–4
20
14
8
2
RL = 500
RL = 50
TPC 16. Gain vs. Frequency,
Gain = –10
+VS
4.7
0.22 F
50
VOUT
CL
RL
0.22 F
4.7
VIN
–VS
AD844
+
500
TPC 15. Gain of –10 Amplifier
FREQUENCY – MHz
–180
050
25
–210
–240
–270
–300
–330
RL = 500
RL = 50
TPC 17. Phase vs. Frequency,
Gain = –10


Similar Part No. - AD844BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844BQ AD-AD844BQ Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844BQ AD-AD844BQ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
More results

Similar Description - AD844BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
[Old version datasheet]   5-MHz, 15-V/us high slew-rate, RRIO op amp
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
   25MHz, 600V/us Op Amp
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
   12MHz, 400V/us Op Amp
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
   70MHz, 1000V/us Op Amp
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
   50MHz, 800V/us Op Amp
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com