Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PJSD03W Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part No. PJSD03W
Description  SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSD03W Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSD03W Datasheet HTML 1Page - Pan Jit International Inc. PJSD03W Datasheet HTML 2Page - Pan Jit International Inc. PJSD03W Datasheet HTML 3Page - Pan Jit International Inc. PJSD03W Datasheet HTML 4Page - Pan Jit International Inc. PJSD03W Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
REV.0-JAN.6.2005
PJSD03W~PJSD36W
W
5
0
D
S
J
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
Ml
a
c
i
p
y
T.
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
--
-
5
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
R
B
A
m
1
=6
-
-
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
R
V
5
=-
-
0
1
µA
0
2
/
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ )
sV
C
I
P
P
A
1
=-
-
8
.
9V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC
J
z
H
M
1
=
f
=
s
a
i
B
c
d
V
0-
0
0
3-
F
p
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC
J
z
H
M
1
=
f
=
s
a
i
B
c
d
V
5-
0
0
1-
F
p
W
2
1
D
S
J
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
Ml
a
c
i
p
y
T.
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
--
-
2
1V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
R
B
A
m
1
=3
.
3
1-
-
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
R
V
2
1
=
--1
µA
0
2
/
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ )
sV
C
I
P
P
A
1
=-
-
9
1V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC
J
z
H
M
1
=
f
=
s
a
i
B
c
d
V
0-
0
3
1-
F
p
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC
J
z
H
M
1
=
f
=
s
a
i
B
c
d
V
5-
0
5-F
p
W
8
0
D
S
J
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
Ml
a
c
i
p
y
T.
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
--
-
8
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
R
B
A
m
1
=5
.
8-
-
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
R
V
8
=-
-
0
1
µA
0
2
/
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ )
sV
C
I
P
P
A
1
=-
-
4
.
3
1V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC
J
z
H
M
1
=
f
=
s
a
i
B
c
d
V
0-
0
5
1-
F
p
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC
J
z
H
M
1
=
f
=
s
a
i
B
c
d
V
5-
0
8-F
p
W
5
1
D
S
J
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
Ml
a
c
i
p
y
T.
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
--
-
5
1V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
R
B
A
m
1
=7
.
6
1-
-
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
R
V
5
1
=
--1
µA
0
2
/
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ )
sV
C
I
P
P
A
1
=-
-
4
2V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC
J
z
H
M
1
=
f
=
s
a
i
B
c
d
V
0-
0
2
1-
F
p
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC
J
z
H
M
1
=
f
=
s
a
i
B
c
d
V
5-
0
3-F
p


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn