Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PJSD03TG Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part No. PJSD03TG
Description  SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSD03TG Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJSD03TG Datasheet HTML 1Page - Pan Jit International Inc. PJSD03TG Datasheet HTML 2Page - Pan Jit International Inc. PJSD03TG Datasheet HTML 3Page - Pan Jit International Inc. PJSD03TG Datasheet HTML 4Page - Pan Jit International Inc. PJSD03TG Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
STAD-MAY.18.2007
0.01
1
10
100
1000
10000
10000
1000
100
10
t -Pulse Duration- s
d
m
t -Pulse Duration- s
d
m
0
5
10
15
20
25
30
120
100
80
60
40
20
0
T-Time- s
m
T-Time- s
0
25
50
75
100
125 150
100
80
60
40
20
0
T -Lead Temperature- C
L
O
T -Lead Temperature- C
L
O
0
1
2
3
4
5
6
400
300
200
100
0
V =Reverse Voltage-Volts
R
V =Reverse Voltage-Volts
R
320W,8/20 s Waveform
m
t=t I /2
dPP
t=t I/2
dPP
Peak Pulse Power
8/20 s
m
Peak Pulse Power
8/20 s
m
Average Power
Average Power
e
-t
e
-t
t
f
t
f
Peak Value I
PP
Peak Value I
PP
TEST
WAVEFORM
PARAMETERS
m
m
TEST
WAVEFORM
PARAMETERS
m
m
FIG. 1- Pulse Wave Form
FIG. 3-Peak Pulse Power vs Pulse Time
FIG. 4-Typical Reverse Voltage vs Capacitance
FIG. 2-Power Derating Curve
PJSD03TG~PJSD36TG


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn