Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA6.8CA Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # P4SMA6.8CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4SMA6.8CA Datasheet(HTML) 1 Page - Pan Jit International Inc.

  P4SMA6.8CA Datasheet HTML 1Page - Pan Jit International Inc. P4SMA6.8CA Datasheet HTML 2Page - Pan Jit International Inc. P4SMA6.8CA Datasheet HTML 3Page - Pan Jit International Inc. P4SMA6.8CA Datasheet HTML 4Page - Pan Jit International Inc. P4SMA6.8CA Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
STAD-MAY.25.2007
P4SMA SERIES
FEATURES
• For surface mounted applications in order to optimize board space.
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: JEDEC DO-214AC,Molded plastic over passivated junction.
• Terminals: Solder plated,solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes positive end (cathode)
• Standard Packaging:12mm tape (EIA-481)
• Weight: 0.002 ounce, 0.064 gram
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above T
A = 25
OC per Fig. 2.
2. Mounted on 5.0mm2 copper pads to each terminal.
3. 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
4. Lead temperature at 75OC = T
L.
5. Peak pulse power waveform is 10/1000uS.
SMA/DO-214AC
Unit: inch (mm)
.181(4.60)
.208(5.28)
.060(1.52)
.008(.203)
.012(.305)
.157(4.00)
.188(4.80)
.030(0.76)
.002(.051)
.006(.152)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types P4SMA6.8 thru types P4SMA250.
Electrical characteristics apply in both directions.
VOLTAGE
5.5 to 214 Volts
400 Watts
PEAK PULSE POWER
g
n
i
t
a
Rl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
T
n
o
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
s
l
u
P
k
a
e
P
A
5
2
=
O
)
1
.
g
i
F
,
5
,
2
,
1
s
e
t
o
N
(
CPPPM
0
0
4s
t
t
a
W
)
3
e
t
o
N
(
5
.
g
i
F
r
e
p
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
IFSM
0
4s
p
m
A
2
.
g
i
F
)
1
e
t
o
N
(
m
r
o
f
e
v
a
w
s
0
0
0
1
/
0
1
n
o
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
IPPM
1
e
l
b
a
T
e
e
ss
p
m
A
)
4
E
T
O
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
t
a
t
S
y
d
a
e
t
S
PM(AV)
0
.
1s
t
t
a
W
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ,TSTG
0
5
1
+
o
t
5
5
-
O C


Similar Part No. - P4SMA6.8CA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA6.8CA TSC-P4SMA6.8CA Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Littelfuse
P4SMA6.8CA LITTELFUSE-P4SMA6.8CA Datasheet
1Mb / 6P
   P4SMA Series
P4SMA6.8CA LITTELFUSE-P4SMA6.8CA Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Bourns Electronic Solut...
P4SMA6.8CA BOURNS-P4SMA6.8CA Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
TAITRON Components Inco...
P4SMA6.8CA TAITRON-P4SMA6.8CA Datasheet
244Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
More results

Similar Description - P4SMA6.8CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com