Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1864ACMS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1864ACMS8
Description  關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864ACMS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1864ACMS8 Datasheet HTML 2Page - Linear Technology LTC1864ACMS8 Datasheet HTML 3Page - Linear Technology LTC1864ACMS8 Datasheet HTML 4Page - Linear Technology LTC1864ACMS8 Datasheet HTML 5Page - Linear Technology LTC1864ACMS8 Datasheet HTML 6Page - Linear Technology LTC1864ACMS8 Datasheet HTML 7Page - Linear Technology LTC1864ACMS8 Datasheet HTML 8Page - Linear Technology LTC1864ACMS8 Datasheet HTML 9Page - Linear Technology LTC1864ACMS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1864/LTC1865
sn18645 18645fs
TYPICAL PERFOR A CE CHARACTERISTICS
SINAD vs Frequency
THD vs Frequency
SFDR vs Frequency
REFERENCE VOLTAGE (V)
0
75
50
25
0
–25
4
1864/65 G10
1
2
3
5
VCC = 5V
TA = 25°C
TEMPERATURE (°C)
–50
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
50
75
1864/65 G11
–25
25
100
125
VCC = 5V
VREF = 5V
REFERENCE VOLTAGE(V)
0
20
15
10
5
0
–5
–10
–15
–20
2
4
5
1864/65 G12
1
3
VCC = 5V
TA = 25°C
TEMPERATURE (°C)
–50
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
50
75
1864/65 G13
–25
25
100
125
VCC = 5V
VREF = 5V
1800
1600
1400
1200
1000
800
600
400
200
0
CODE
1864/65 G14
–4 –3 –2 –1
0
1
23
4
5
00
12
0
0
1534
127
516
1178
729
VCC = 5V
TA = 25°C
VREF = 5V
FREQUENCY (kHz)
0
–20
–40
–60
–80
–100
–120
–140
1864/65 G15
0
20
40
60
80
100
120
fS = 203.125kHz
fIN = 99.72763kHz
VCC = 5V
VREF = 5V
TA = 25°C
Change in Offset Error vs
Reference Voltage
Change in Offset vs Temperature
Change in Gain Error vs
Reference Voltage
Change in Gain Error vs
Temperature
Histogram of 4096 Conversions
of a DC Input Voltage
4096 Point FFT Nonaveraged
FIN (kHz)
1
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
1864/5 G16
VCC = 5V
VREF = 5V
TA = 25°C
VIN = 0dB
SNR
SINAD
FIN (kHz)
1
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1000
1864/5 G17
VCC = 5V
VREF = 5V
TA = 25°C
VIN = 0dB
FIN (kHz)
1
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
1864/5 G18
VCC = 5V
VREF = 5V
TA = 25°C
VIN = 0dB


Similar Part No. - LTC1864ACMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864ACMS8 LINER-LTC1864ACMS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1864ACMS8 LINER-LTC1864ACMS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1864ACMS8 LINER-LTC1864ACMS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1864ACMS8-PBF LINER-LTC1864ACMS8-PBF Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864ACMS8-TRPBF LINER-LTC1864ACMS8-TRPBF Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1864ACMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L Datasheet
357Kb / 16P
   關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com