Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE15A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # P6KE15A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6KE15A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  P6KE15A Datasheet HTML 1Page - Pan Jit International Inc. P6KE15A Datasheet HTML 2Page - Pan Jit International Inc. P6KE15A Datasheet HTML 3Page - Pan Jit International Inc. P6KE15A Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-MAY.25.2007
P6KE SERIES
r
e
b
m
u
N
t
r
a
P
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
IT
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
µ
µµµµ A
µ
µµµµ A
V
A
-
I
N
U
-
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
6
1
5
E
K
6
P
C
1
5
E
K
6
P
3
.
1
4
9
.
5
4
1
.
6
5
1
5
5
5
.
3
7
2
.
8
1
5
E
K
6
P
C
1
5
E
K
6
P
A
1
5
E
K
6
P
A
C
1
5
E
K
6
P
6
.
3
4
5
.
8
4
6
.
3
5
1
5
5
1
.
0
7
6
.
8
A
1
5
E
K
6
P
A
C
1
5
E
K
6
P
6
5
E
K
6
P
C
6
5
E
K
6
P
6
.
5
4
4
.
0
5
6
.
1
6
1
5
5
5
.
0
8
4
.
7
6
5
E
K
6
P
C
6
5
E
K
6
P
A
6
5
E
K
6
P
A
C
6
5
E
K
6
P
8
.
7
4
2
.
3
5
8
.
8
5
1
5
5
7
7
8
.
7
A
6
5
E
K
6
P
A
C
6
5
E
K
6
P
2
6
E
K
6
P
C
2
6
E
K
6
P
2
.
0
5
8
.
5
5
2
.
8
6
1
5
5
9
8
8
.
6
2
6
E
K
6
P
C
2
6
E
K
6
P
A
2
6
E
K
6
P
A
C
2
6
E
K
6
P
3
5
9
.
8
5
1
.
5
6
1
5
5
5
8
1
.
7
A
2
6
E
K
6
P
A
C
2
6
E
K
6
P
8
6
E
K
6
P
C
8
6
E
K
6
P
1
.
5
5
2
.
1
6
8
.
4
7
1
5
5
8
9
1
.
6
8
6
E
K
6
P
C
8
6
E
K
6
P
A
8
6
E
K
6
P
A
C
8
6
E
K
6
P
1
.
8
5
6
.
4
6
4
.
1
7
1
5
5
2
9
5
.
6
A
8
6
E
K
6
P
A
C
8
6
E
K
6
P
5
7
E
K
6
P
C
5
7
E
K
6
P
7
.
0
6
5
.
7
6
5
.
2
8
1
5
5
8
0
1
5
.
5
5
7
E
K
6
P
C
5
7
E
K
6
P
A
5
7
E
K
6
P
A
C
5
7
E
K
6
P
1
.
4
6
3
.
1
7
8
.
8
7
1
5
5
3
0
1
8
.
5
A
5
7
E
K
6
P
A
C
5
7
E
K
6
P
2
8
E
K
6
P
C
2
8
E
K
6
P
4
.
6
6
8
.
3
7
2
.
0
9
1
5
5
8
1
1
1
.
5
2
8
E
K
6
P
C
2
8
E
K
6
P
A
2
8
E
K
6
P
A
C
2
8
E
K
6
P
1
.
0
7
9
.
7
7
1
.
6
8
1
5
5
3
1
1
3
.
5
A
2
8
E
K
6
P
A
C
2
8
E
K
6
P
1
9
E
K
6
P
C
1
9
E
K
6
P
7
.
3
7
9
.
1
8
0
0
1
1
5
5
1
3
1
5
.
4
1
9
E
K
6
P
C
1
9
E
K
6
P
A
1
9
E
K
6
P
A
C
1
9
E
K
6
P
8
.
7
7
5
.
6
8
5
.
5
9
1
5
5
5
2
1
8
.
4
A
1
9
E
K
6
P
A
C
1
9
E
K
6
P
0
0
1
E
K
6
P
C
0
0
1
E
K
6
P
1
8
0
9
0
1
1
1
5
5
4
4
1
2
.
4
0
0
1
E
K
6
P
C
0
0
1
E
K
6
P
A
0
0
1
E
K
6
P
A
C
0
0
1
E
K
6
P
5
.
5
8
5
9
5
0
1
1
5
5
7
3
1
4
.
4
A
0
0
1
E
K
6
P
C
0
0
1
E
K
6
P
0
1
1
E
K
6
P
C
0
1
1
E
K
6
P
2
.
9
8
9
9
1
2
1
1
5
5
8
5
1
8
.
3
0
1
1
E
K
6
P
C
0
1
1
E
K
6
P
A
0
1
1
E
K
6
P
A
C
0
1
1
E
K
6
P
4
9
5
0
1
6
1
1
1
5
5
2
5
1
4
A
0
1
1
E
K
6
P
C
0
1
1
E
K
6
P
0
2
1
E
K
6
P
C
0
2
1
E
K
6
P
2
.
7
9
8
0
1
2
3
1
1
5
5
3
7
1
5
.
3
0
2
1
E
K
6
P
C
0
2
1
E
K
6
P
A
0
2
1
E
K
6
P
A
C
0
2
1
E
K
6
P
2
0
1
4
1
1
6
2
1
1
5
5
5
6
1
6
.
3
A
0
2
1
E
K
6
P
A
C
0
2
1
E
K
6
P
0
3
1
E
K
6
P
C
0
3
1
E
K
6
P
5
0
1
7
1
1
3
4
1
1
5
5
7
8
1
2
.
3
0
3
1
E
K
6
P
C
0
3
1
E
K
6
P
A
0
3
1
E
K
6
P
A
C
0
3
1
E
K
6
P
1
1
1
4
2
1
7
3
1
1
5
5
9
7
1
3
.
3
A
0
3
1
E
K
6
P
A
C
0
3
1
E
K
6
P
0
5
1
E
K
6
P
C
0
5
1
E
K
6
P
1
2
1
5
3
1
5
6
1
1
5
5
5
1
2
8
.
2
0
5
1
E
K
6
P
C
0
5
1
E
K
6
P
A
0
5
1
E
K
6
P
A
C
0
5
1
E
K
6
P
8
2
1
3
4
1
8
5
1
1
5
5
7
0
2
9
.
2
A
0
5
1
E
K
6
P
A
C
0
5
1
E
K
6
P
0
6
1
E
K
6
P
C
0
6
1
E
K
6
P
0
3
1
4
4
1
6
7
1
1
5
5
0
3
2
6
.
2
0
6
1
E
K
6
P
C
0
6
1
E
K
6
P
A
0
6
1
E
K
6
P
A
C
0
6
1
E
K
6
P
6
3
1
2
5
1
8
6
1
1
5
5
9
1
2
7
.
2
A
0
6
1
E
K
6
P
A
C
0
6
1
E
K
6
P
0
7
1
E
K
6
P
C
0
7
1
E
K
6
P
8
3
1
3
5
1
7
8
1
1
5
5
4
4
2
5
.
2
0
7
1
E
K
6
P
C
0
7
1
E
K
6
P
A
0
7
1
E
K
6
P
A
C
0
7
1
E
K
6
P
5
4
1
2
6
1
9
7
1
1
5
5
4
3
2
6
.
2
A
0
7
1
E
K
6
P
A
C
0
7
1
E
K
6
P
0
8
1
E
K
6
P
C
0
8
1
E
K
6
P
6
4
1
2
6
1
8
9
1
1
5
5
8
5
2
3
.
2
0
8
1
E
K
6
P
C
0
8
1
E
K
6
P
A
0
8
1
E
K
6
P
A
C
0
8
1
E
K
6
P
4
5
1
1
7
1
9
8
1
1
5
5
6
4
2
4
.
2
A
0
8
1
E
K
6
P
A
C
0
8
1
E
K
6
P
0
0
2
E
K
6
P
C
0
0
2
E
K
6
P
2
6
1
0
8
1
0
2
2
1
5
5
7
8
2
1
.
2
0
0
2
E
K
6
P
C
0
0
2
E
K
6
P
A
0
0
2
E
K
6
P
A
C
0
0
2
E
K
6
P
1
7
1
0
9
1
0
1
2
1
5
5
4
7
2
2
.
2
A
0
0
2
E
K
6
P
A
C
0
0
2
E
K
6
P
0
2
2
E
K
6
P
C
0
2
2
E
K
6
P
5
7
1
8
9
1
2
4
2
1
5
5
4
4
3
8
.
1
0
2
2
E
K
6
P
C
0
2
2
E
K
6
P
A
0
2
2
E
K
6
P
A
C
0
2
2
E
K
6
P
5
8
1
9
0
2
1
3
2
1
5
5
8
2
3
9
.
1
A
0
2
2
E
K
6
P
A
C
0
2
2
E
K
6
P
0
5
2
E
K
6
P
C
0
5
2
E
K
6
P
2
0
2
5
2
2
5
7
2
1
5
5
0
6
3
7
.
1
0
5
2
E
K
6
P
C
0
5
2
E
K
6
P
A
0
5
2
E
K
6
P
A
C
0
5
2
E
K
6
P
4
1
2
7
3
2
3
6
2
1
5
5
4
4
3
8
.
1
A
0
5
2
E
K
6
P
A
C
0
5
2
E
K
6
P
0
0
3
E
K
6
P
C
0
0
3
E
K
6
P
3
4
2
0
7
2
0
3
3
1
5
5
0
3
4
4
.
1
0
0
3
E
K
6
P
C
0
0
3
E
K
6
P
A
0
0
3
E
K
6
P
A
C
0
0
3
E
K
6
P
6
5
2
5
8
2
5
1
3
1
5
5
4
1
4
5
.
1
A
0
0
3
E
K
6
P
A
C
0
0
3
E
K
6
P
0
5
3
E
K
6
P
C
0
5
3
E
K
6
P
4
8
2
5
1
3
5
8
3
1
5
5
4
0
5
2
.
1
0
5
3
E
K
6
P
C
0
5
3
E
K
6
P
A
0
5
3
E
K
6
P
A
C
0
5
3
E
K
6
P
0
0
3
2
3
3
8
6
3
1
5
5
2
8
4
3
.
1
A
0
5
3
E
K
6
P
A
C
0
5
3
E
K
6
P
0
0
4
E
K
6
P
C
0
0
4
E
K
6
P
4
2
3
0
6
3
0
4
4
1
5
5
4
7
5
1
.
1
0
0
4
E
K
6
P
C
0
0
4
E
K
6
P
A
0
0
4
E
K
6
P
A
C
0
0
4
E
K
6
P
2
4
3
0
8
3
0
2
4
1
5
5
8
4
5
1
.
1
A
0
0
4
E
K
6
P
A
C
0
0
4
E
K
6
P
0
4
4
E
K
6
P
C
0
4
4
E
K
6
P
6
5
3
6
9
3
4
8
4
1
5
5
1
3
6
1
0
4
4
E
K
6
P
C
0
4
4
E
K
6
P
A
0
4
4
E
K
6
P
A
C
0
4
4
E
K
6
P
6
7
3
8
1
4
2
6
4
1
5
5
0
0
6
1
A
0
4
4
E
K
6
P
A
C
0
4
4
E
K
6
P


Similar Part No. - P6KE15A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
P6KE15A BILIN-P6KE15A Datasheet
256Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Zowie Technology Corpor...
P6KE15A ZOWIE-P6KE15A Datasheet
83Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Motorola, Inc
P6KE15A MOTOROLA-P6KE15A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
HuaXinAn Electronics CO...
P6KE15A HUAXINAN-P6KE15A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Vishay Siliconix
P6KE15A VISHAY-P6KE15A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
More results

Similar Description - P6KE15A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com