Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82V805 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82V805
Description  CCD 4 Channel Vertical Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V805 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82V805_1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V805_1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V805_1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V805_1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V805_1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V805_1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V805_1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V805_1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V805_1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
D.C. Characteristics
VH=15V, VL=
-9V, VME=0V, Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Logic Supply Voltage
¾
3.0
3.3
5.5
V
VH
Supply Voltage
¾
14.5
15
15.5
V
VL
Supply Voltage
¾-9.5
-8.5
-7.5
V
VIH
High Level Input Voltage
¾
2.4
¾¾
V
VIL
Low Level Input Voltage
¾¾
¾
1.2
V
IVH
Operating Current
Shutter speed=100kHz
¾
3.8
¾
mA
IVL
¾-2
¾
mA
IVME
¾-6.5
¾
mA
IOL
Output Current
V1A, V2, V3A, V4=
-9.0V
¾
37
¾
mA
IOM1
V1A, V2, V3A, V4=
-0.5V
¾-15
¾
mA
IOM2
V1A, V3A=0.5V
¾
13.5
¾
mA
IOH
V1A, V3A=14.5V
¾-18
¾
mA
IOSL
OFDX=
-8.0V
¾
18
¾
mA
IOSH
OFDX=14.5V
¾-10.5
¾
mA
G
OP-Amp Gain
DCIN=1~3V
3.4
3.9
4.2
V/V
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLM
Delay Time
VH=15V, VL=
-8.5V, VME=0V
¾
55
80
ns
tPMH
VH=15V, VL=
-8.5V, VME=0V
¾
50
90
ns
tPLH
VH=15V, VL=
-8.5V, VME=0V
¾
55
100
ns
tPML
VH=15V, VL=
-8.5V, VME=0V
¾
45
130
ns
tPHM
VH=15V, VL=
-8.5V, VME=0V
¾
50
120
ns
tPHL
VH=15V, VL=
-8.5V, VME=0V
¾
55
100
ns
tTLM
Rising Time
VH=15V, VL=
-8.5V, VME=0V
¾
370
900
ns
tTMH
VH=15V, VL=
-8.5V, VME=0V
¾
785
900
ns
tTLH
VH=15V, VL=
-8.5V, VME=0V
¾
70
140
ns
tTML
VH=15V, VL=
-8.5V, VME=0V
¾
300
700
ns
tTHM
VH=15V, VL=
-8.5V, VME=0V
¾
630
960
ns
tTHL
VH=15V, VL=
-8.5V, VME=0V
¾
45
120
ns
HT82V805
Rev. 1.10
4
December 29, 2005


Similar Part No. - HT82V805_1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V805A HOLTEK-HT82V805A Datasheet
1Mb / 10P
   CCD 4 Channel Vertical Driver
More results

Similar Description - HT82V805_1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V805 HOLTEK-HT82V805 Datasheet
104Kb / 10P
   CCD 4 Channel Vertical Driver
HT82V805A HOLTEK-HT82V805A Datasheet
1Mb / 10P
   CCD 4 Channel Vertical Driver
HT82V806 HOLTEK-HT82V806 Datasheet
88Kb / 9P
   CCD 6 Channel Vertical Driver
logo
Agamem Microelectronic ...
AA87221AP AGAMEM-AA87221AP Datasheet
281Kb / 9P
   CCD VERTICAL DRIVER
AA87223AP AGAMEM-AA87223AP Datasheet
277Kb / 9P
   CCD VERTICAL DRIVER
AA87223 AGAMEM-AA87223 Datasheet
45Kb / 1P
   CCD VERTICAL DRIVER
AA87221 AGAMEM-AA87221 Datasheet
42Kb / 1P
   CCD VERTICAL DRIVER
AA87222 AGAMEM-AA87222 Datasheet
42Kb / 1P
   CCD VERTICAL DRIVER
AA87222AP AGAMEM-AA87222AP Datasheet
160Kb / 9P
   CCD VERTICAL DRIVER
logo
Sony Corporation
CXD3400N SONY-CXD3400N Datasheet
84Kb / 8P
   6-channel CCD Vertical Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com