Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR6CM400-8 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CR6CM400-8
Description  Lead-mount, Phase Control SCR 6 Amperes/400-600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR6CM400-8 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CR6CM400-8 Datasheet HTML 1Page - Powerex Power Semiconductors CR6CM400-8 Datasheet HTML 2Page - Powerex Power Semiconductors CR6CM400-8 Datasheet HTML 3Page - Powerex Power Semiconductors CR6CM400-8 Datasheet HTML 4Page - Powerex Power Semiconductors CR6CM400-8 Datasheet HTML 5Page - Powerex Power Semiconductors CR6CM400-8 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
CR6CM
Lead-mount, Phase Control SCR
6 Amperes/400-600 Volts
0
5.0
4.0
3.0
2.0
1.0
MAXIMUM ON-STATE
CHARACTERISTICS
INSTANTANEOUS ON-STATE
CURRENT, IT, (AMPERES)
100
101
102
103
Tj = 25
oC
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION-TO-CASE)
TIME, t, (S)
10-3
10-2
101
102
10-2
10-1
100
101
10-1
100
10-1
100
101
102
GATE
CHARACTERISTICS
GATE CURRENT, IG, (mA)
100
101
102
103
104
VGD = 0.2V
Tj = 25°
VFGM = 6V
PGM = 5W
IFGM = 2A
IGT = 10 A
VGT = 1V
PG(avg) =
0.5W
0
40
80
120
160
200
MAXIMUM SURGE CURRENT
FOLLOWING RATED LOAD CONDITIONS
CYCLES AT 60 Hz
100
101
102
0
20
40
60
80
100
120
140
160
MAXIMUM ALLOWABLE
CASE TEMPERATURE
(SINGLE-PHASE HALF WAVEFORM)
AVERAGE ON-STATE CURRENT, I T(avg), (AMPERES)
0
2
6
8
4
= 30
°
60
° 90°
180
°
RESISTIVE,
INDUCTIVE LOADS
120
°
360
°
0
2
4
6
8
10
12
14
16
MAXIMUM ON-STATE
POWER DISSIPATION
(SINGLE-PHASE HALF WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
4
8
12
16
= 30
°
60
°
90
°
120
°
180
°
360
°
RESISTIVE,
INDUCTIVE LOADS
0
20
40
60
80
100
120
140
160
MAXIMUM
ALLOWABLE CASE TEMPERATURE
(SINGLE-PHASE FULL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
4
8
12
16
= 30
°
RESISTIVE LOADS
360
°
60
°
90
°
120
°
180
°
0
4
8
12
16
MAXIMUM ON-STATE
POWER DISSIPATION
(SINGLE-PHASE FULL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
4
8
12
16
= 30
°
90
°
120
°
180
°
RESISTIVE LOADS
360
°
60
°
0
40
80
120
160
MAXIMUM
ALLOWABLE CASE TEMPERATURE
(RECTANGULAR WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
4
8
12
16
= 30
°
60
°
90
°
120
°
180
°
270
°
DC
360
°
RESISTIVE,
INDUCTIVE LOADS
P-42


Similar Part No. - CR6CM400-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR6CM MITSUBISHI-CR6CM Datasheet
68Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR6CM RENESAS-CR6CM Datasheet
104Kb / 6P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
CR6CM-12A RENESAS-CR6CM-12A Datasheet
109Kb / 7P
   Thyristor Medium Power Use
CR6CM-12A RENESAS-CR6CM-12A Datasheet
128Kb / 8P
   600V - 6A - Thyristor Medium Power Use
CR6CM-12A-A8 RENESAS-CR6CM-12A-A8 Datasheet
109Kb / 7P
   Thyristor Medium Power Use
More results

Similar Description - CR6CM400-8

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CR04AM POWEREX-CR04AM Datasheet
90Kb / 6P
   Lead-Mount, Phase Control SCR 0.4 Amperes/400-600 Volts
CR8AM POWEREX-CR8AM Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
CR3CM POWEREX-CR3CM Datasheet
77Kb / 4P
   Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts
CR03AM POWEREX-CR03AM Datasheet
69Kb / 4P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
CR02AM POWEREX-CR02AM Datasheet
85Kb / 6P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
CR08AS POWEREX-CR08AS Datasheet
92Kb / 6P
   Surface Mount, Phase Control SCR 0.8 Amperes/400-600 Volts
CR5AS POWEREX-CR5AS Datasheet
85Kb / 6P
   Surface Mount, Phase Control SCR 5 Amperes/400-600 Volts
T625 POWEREX-T625 Datasheet
717Kb / 4P
   Phase Control SCR (300-400 Amperes 1200 Volts)
C390X500 POWEREX-C390X500 Datasheet
843Kb / 4P
   Phase Control SCR 620 Amperes Average 600 Volts
C390AX550 POWEREX-C390AX550 Datasheet
163Kb / 4P
   Phase Control SCR 620 Amperes Avg 100-400 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com