Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P4KE Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part No. P4KE
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4KE Datasheet(HTML) 4 Page - Pan Jit International Inc.

  P4KE_07 Datasheet HTML 1Page - Pan Jit International Inc. P4KE_07 Datasheet HTML 2Page - Pan Jit International Inc. P4KE_07 Datasheet HTML 3Page - Pan Jit International Inc. P4KE_07 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
STAD-MAY.25.2007
P4KE SERIES
Fig.1 PEAK PULSE POWER RATING
PULSE TIME CURVE
Fig.2 PULSE DERATING CURVE
Fig.3 PULSE WAVEFORM
Fig.6 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
Fig.5 STEADY STATE POWER DERATING CURVE
Fig.4 TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
td,PULSE WIDTH, micro sec
T,TIME,ms
NUMBER OF CYCLES AT 60Hz
T ,AMBIENT TEMPERATURE, C
A
O
0.1
0.1
1.0
Non-Repetitve
Pulse Wavefom
Shown in Figure.3
T= 25 C
A
O
1.0
10
10
100
100
1000
10000
100
75
50
25
0
125
150
175
200
25
50
75
100
0
0
1.0
2.0
3.0
4.0
0
50
100
150
10 /100 0 u se c Wa ve fo rm
as De fin e d b ye R.E.A.
Ha lf Va lue -Ip p
2
e-kt
td
T= 25 C
Pulse Width (td) is Defined
as the Point where the Peak
Current Decayst to 50% of Ipp
A
O
tf = 10usec
Peak Value
Ippm
T , LEAD TEMPERATURE, C
L
= 375"(9.5m m )
125
150
175
200
25
50
75
100
0
0
0.25
0.5
0.75
1.0
10
1,00
10,00
1
V(BR), BREAKDOWN VOLTAGE, VOLTS
1.0
2.0
10
20
100
200
0
0
0
0
5
Tj= 25 C
f= 1.0MHZ
Vsig = 50mVp -p
Me a sure d a t
Ze ro Bia s
Me a sure d a t
Sta nd - Off
Vo lta Ge (V
)
RWM
40mm 40mm 1mm C u
(1.58" 1.58" 0.40")
1
2
4
6 810
20
40 60 80 100
0
10
20
30
40
50
T= Tm a x
8.3m s Sin g le Ha lf Sine -Wa ve
JEDEC M e tho d
JJ
PLEASE REFER THE TVS APPLICATION NOTE IN PANJIT WEBSITE
http://www.panjit.com/protection-transient-voltage-suppressors.html


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
1.5KE6.8 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1  2  3  4  Pan Jit International Inc.
3KP_07 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1  2  3  4  Pan Jit International Inc.
5KP GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1  2  3  4  Pan Jit International Inc.
15KP_04 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1  2  3  4  Pan Jit International Inc.
UFM201 SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 2.0 Ampere 1  2  3  4  5  Rectron Semiconductor
PG200R_04 GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS 1  2  Pan Jit International Inc.
1N4736A GLASS PASSIVATED JUNCTION SILICON ZENER DIODE 1  2  3  4  5  Pan Jit International Inc.
P6KE6V8CA_1 600W TRANSIENT VOLTAGE SUPPRESSOR 1  2  3  4  Diodes Incorporated
STM8057 120 kWATTS 840 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1  2  Solid States Devices, Inc
BZW04-5V8 Transient Voltage Suppressor Diodes 1  2  3  4  Taiwan Semiconductor Company, Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn