Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P4KE Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part No. P4KE
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4KE Datasheet(HTML) 1 Page - Pan Jit International Inc.

  P4KE_07 Datasheet HTML 1Page - Pan Jit International Inc. P4KE_07 Datasheet HTML 2Page - Pan Jit International Inc. P4KE_07 Datasheet HTML 3Page - Pan Jit International Inc. P4KE_07 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-MAY.25.2007
P4KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
NOTES:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2.
2. Mounted on Copper Leaf area of 1.57 in2 (40mm2).
3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• Excellent clamping capability
• Low zener impedance
• Fast response time: typically less than 1.0 ps from 0 volts to BV min
• Typical I
R less than 1µA above 10V
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: JEDEC DO-41 Molded plastic
• Terminals: Axial leads, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denoted cathode except Bipolar
• Mounting Position: Any
• Weight: 0.012 ounce, 0.336 gram
DO-41
Unit: inch(mm)
.034(.86)
.107(2.7)
.028(.71)
.080(2.0)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types
Electrical characteristics apply in both directions.
VOLTAGE
5.5 to 376 Volts
400 Watts
POWER
MAXIMUM RATINGS AND CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified.
g
n
i
t
a
Rl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
k
a
e
P
A
5
2
=
O
)
1
e
t
o
N
(
s
m
1
=
p
T
,
CPPK
0
0
4s
t
t
a
W
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
t
a
t
S
y
d
a
e
t
S
L
)
2
e
t
o
N
(
)
m
m
5
.
9
(
,
"
5
7
3
.
s
h
t
g
n
e
L
d
a
e
L
C
5
7
=PD
0
.
1s
t
t
a
W
n
o
d
e
s
o
p
m
i
r
e
p
u
S
e
v
a
W
-
e
n
i
S
f
l
a
H
e
l
g
n
i
S
s
m
3
.
8
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
3
e
t
o
N
(
)
d
o
h
t
e
M
D
E
C
E
J
(
d
a
o
L
d
e
t
a
R
IPPM
0
4s
p
m
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ,TSTG
5
7
1
+
o
t
5
6
-
O C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
1.5KE6.8 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1  2  3  4  Pan Jit International Inc.
3KP_07 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1  2  3  4  Pan Jit International Inc.
5KP GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1  2  3  4  Pan Jit International Inc.
15KP_04 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1  2  3  4  Pan Jit International Inc.
UFM201 SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 2.0 Ampere 1  2  3  4  5  Rectron Semiconductor
PG200R_04 GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS 1  2  Pan Jit International Inc.
1N4736A GLASS PASSIVATED JUNCTION SILICON ZENER DIODE 1  2  3  4  5  Pan Jit International Inc.
P6KE6V8CA_1 600W TRANSIENT VOLTAGE SUPPRESSOR 1  2  3  4  Diodes Incorporated
STM8057 120 kWATTS 840 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1  2  Solid States Devices, Inc
BZW04-5V8 Transient Voltage Suppressor Diodes 1  2  3  4  Taiwan Semiconductor Company, Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn