Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UB5305S Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part No. UB5305S
Description  Single Color Ultra High Brightness φ5 Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UB5305S Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  UB5305S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Page 1
U□53□5S Series
Single Color Ultra High Brightness φ5 Type
Recommended Applications
Amusement Equipment, Electric Household Appliances, OA/FA, Other General Applications
・Outer Dimension φ5 Round shape type
・Operation temperature range.
Storage Temperature
:-40℃~100℃
Operating Temperature
:-40℃~85℃
・Lead–free soldering compatible
・ RoHS compliant
Dominant wavelength
Blue
: 470nm (UB)
Blue Green
: 505nm (UC)
Green
: 525nm (UG)
Yellow
: 590nm (UY)
Red
: 626nm (UR)
Product features
Half Intensity Angle
Die materials
UB,UC,UG : InGaN, UY,UR : AlGaInP
UB,UC,UG
: 30 deg.
UY,UR
: 32 deg.
Features
Package
φ5 Round shape type,
UB,UC,UG
: Water Clear epoxy
UY
: Pale Yellow Clear epoxy
UR
: Pale Red Clear epoxy
Rank grouping parameter
Soldering methods
ESD
Packing
TTW (Through The Wave) soldering and manual soldering
InGaN : Less than 1kV(HBM),
AlGaInP : More than 2kV(HBM)
Bulk : 200pcs(MIN.)
Sorted by luminous intensity per rank taping
2006.7.31


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
H-3000L Single Color Ultra High Brightness φ5 Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
UB5304X Single Color Ultra High Brightness φ5 Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
HBG5066X Single Color High Brightness φ5 Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
UB1104B Single Color Ultra High Brightness Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
HUB1105W Single Color Ultra High Brightness Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
FY1101F Single Color High Brightness Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
YPY1104B Single Color High Brightness Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
YBG1105W Single Color High Brightness Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
KR5004X Single Color φ5 Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn