Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UB5305S Datasheet(PDF) 6 Page - STANLEY ELECTRIC CO.,LTD.

Part No. UB5305S
Description  Single Color Ultra High Brightness φ5 Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UB5305S Datasheet(HTML) 6 Page - STANLEY ELECTRIC CO.,LTD.

Back Button UB5305S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. UB5305S Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 20mA
Wavelength [nm]
Page 6
2004.10.29
Single Color Ultra High Brightness φ5 Type
U□53□5S Series
Spatial Distribution Example
Condition : Ta = 25℃
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage V
F(V)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)
Technical Data(UB)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
H-3000L Single Color Ultra High Brightness φ5 Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
UB5304X Single Color Ultra High Brightness φ5 Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
HBG5066X Single Color High Brightness φ5 Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
UB1104B Single Color Ultra High Brightness Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
HUB1105W Single Color Ultra High Brightness Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
FY1101F Single Color High Brightness Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
YPY1104B Single Color High Brightness Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
YBG1105W Single Color High Brightness Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
KR5004X Single Color φ5 Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn