Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1916Y Datasheet(PDF) 5 Page - Clare, Inc.

Part No. CPC1916Y
Description  Power SIP Relay
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo 

CPC1916Y Datasheet(HTML) 5 Page - Clare, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product
descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of Sale, Clare, Inc. assumes no
liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement
of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended
to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to
discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1916Y-R02
©Copyright 2005, Clare, Inc.
OptoMOS® is a registered trademark of Clare, Inc.
®
®
All rights reserved. Printed in USA.
5/26/05
For additional information please visit our website at: www.clare.com
MECHANICAL DIMENSIONS
Dimensions:
inches
(mm)
PIN 1
0.070
(1.778)
PIN 4
Manufacturing Information
Soldering
Recommended soldering processes are limited to
245ºC component body temperature for 10 seconds.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
PVT412AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-400V 240mA AC / 360mA DC 1 2 3 4 5 International Rectifier
HF36FSUBMINIATURE INTERMEDIATE POWER RELAY 1 2 3 Hongfa Technology
HF141FHMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
JE7SUBMINIATURE INTERMEDIATE POWER RELAY 1 2 3 Hongfa Technology
JW1ASN-DC5VCOMPACT PC BOARD POWER RELAY 1 2 3 4 5 Nais(Matsushita Electric Works)
HF3FFSUBMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF37FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF105F-4MINIATURE HIGH POWER RELAY 1 2 3 4 Hongfa Technology
HF152FSUBMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn