Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD914 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMBD914
Description  SURFACE MOUNT SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD914 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMBD914 Datasheet HTML 1Page - Pan Jit International Inc. MMBD914 Datasheet HTML 2Page - Pan Jit International Inc. MMBD914 Datasheet HTML 3Page - Pan Jit International Inc. MMBD914 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
ELECTRICAL CHARACTERISTICS (TJ=25
oC, unless otherwise noted)
Figure 1.
REVERSE RECOVERY TIME EQUIVALENT TEST CIRCUIT
+10 V
50
Ω Output
Pulse
Generator
50
Ω Input
Sampling
Oscilloscope
DUT
820
2.0k
0.1 µF
I
F
100 µH
0.1 µF
Notes: 1. A 2.0k
Ω variable resistor adjusted for a forward current (IF) to 10mA
2. Input pulse is adjusted to IR(peak) is equal to 10mA
STAD-
NOV.27.2004
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Breakdown Voltage
V(BR)
IR=100uA
100
-
-
V
Reverse Current
IR
VR=20V
VR=75V
-
-
-
-
0.025
5.0
uA
Forward Voltage
VF
IF =10mA
-
-
1.0
V
Total Capacitance
CT
VR=0V, f =1MHz
-
-
4.0
pF
Reverse Recovery Time (Figure 1)
T RR
IF =IR=10mA, R L=100O
-
-
4.0
ns


Similar Part No. - MMBD914

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MMBD914 FOSHAN-MMBD914 Datasheet
738Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
logo
Transys Electronics
MMBD914 TRSYS-MMBD914 Datasheet
113Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
MMBD914 WTE-MMBD914 Datasheet
59Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Sangdest Microelectroni...
MMBD914 SMC-MMBD914 Datasheet
94Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
MMBD914 BILIN-MMBD914 Datasheet
123Kb / 4P
   High-speed switching diode
More results

Similar Description - MMBD914

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com