Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9818H-13GB Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9818H-13GB
Description  Micro-Power Voltage Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9818H-13GB Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9818H-13GB Datasheet HTML 1Page - Richtek Technology Corporation RT9818H-13GB Datasheet HTML 2Page - Richtek Technology Corporation RT9818H-13GB Datasheet HTML 3Page - Richtek Technology Corporation RT9818H-13GB Datasheet HTML 4Page - Richtek Technology Corporation RT9818H-13GB Datasheet HTML 5Page - Richtek Technology Corporation RT9818H-13GB Datasheet HTML 6Page - Richtek Technology Corporation RT9818H-13GB Datasheet HTML 7Page - Richtek Technology Corporation RT9818H-13GB Datasheet HTML 8Page - Richtek Technology Corporation RT9818H-13GB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT9818
3
DS9818-05
March 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Terminal Voltage (with Respect to GND)
VDD ------------------------------------------------------------------------------------------------------------------------
0.3V to 6.0V
All Other Inputs --------------------------------------------------------------------------------------------------------
0.3V to VDD+0.3V
Input Current, IVDD ----------------------------------------------------------------------------------------------------- 20mA
Power Dissipation, PD @ TA = 25
°C
SC-70 / SC-82 ---------------------------------------------------------------------------------------------------------- 0.25W
SOT-23-3 ---------------------------------------------------------------------------------------------------------------- 0.4W
SOT-23-5 ---------------------------------------------------------------------------------------------------------------- 0.4W
SOT-89 ------------------------------------------------------------------------------------------------------------------- 0.55W
Package Thermal Resistance (Note 4)
SC-70 / SC-82,
θJA ---------------------------------------------------------------------------------------------------- 400°C/W
SOT-23-3,
θJA ----------------------------------------------------------------------------------------------------------- 250°C/W
SOT-23-5,
θJA ----------------------------------------------------------------------------------------------------------- 250°C/W
SOT-89,
θJA ------------------------------------------------------------------------------------------------------------- 180°C/W
Lead Temperature (Soldering, 10sec.) ---------------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
65°C to 125°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VDD = 3V, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating VDD (VOUT) Range
VDD
0.9
--
6
V
Supply Current
IDD
VTH = 3V , VDD = 4.5V TA = 27°C
--
3
8
μA
Reset Threshold
VTH
TA = 27°C
--
1.2 to 5.0
--
V
Threshold Voltage Accuracy
ΔVTH
TA = 27°C
−1.5
--
+1.5
%
VDD Drop to Reset Delay
tRD
Drop = VTH -125mV
--
20
--
μs
Reset Active Time
Out Period
RT9818A/E
tRP
VDD ≥ 1.02×VTH
--
0
--
ms
RT9818B/F
35
55
75
RT9818C/G
143
220
297
RT9818D/H
292
450
608
RESET Output Voltage Low (Note 5) VOL
3 = VDD < VTH ISINK >3.5mA
--
--
0.4
V
Hysteresis Width
VHYS
0.01VTH
V
Recommended Operating Conditions
(Note 3)
Junction Temperature Range ----------------------------------------------------------------------------------------
40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
40°C to 85°C


Similar Part No. - RT9818H-13GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9818H-13GQW RICHTEK-RT9818H-13GQW Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
RT9818H-13GU3 RICHTEK-RT9818H-13GU3 Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
RT9818H-13GV RICHTEK-RT9818H-13GV Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
RT9818H-13GVL RICHTEK-RT9818H-13GVL Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
RT9818H-13GY RICHTEK-RT9818H-13GY Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
More results

Similar Description - RT9818H-13GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
   Micro-Power Voltage Detectors
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_11 Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_13 Datasheet
239Kb / 13P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_16 Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
logo
List of Unclassifed Man...
RT9808 ETC-RT9808 Datasheet
200Kb / 12P
   MICRO POWER VOLTAGE DETECTORS
RT9809 ETC-RT9809 Datasheet
142Kb / 6P
   MICRO POWER VOLTAGE DETECTORS
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com