Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50WQ03FNPBF Datasheet(PDF) 2 Page - International Rectifier

Part # 50WQ03FNPBF
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50WQ03FNPBF Datasheet(HTML) 2 Page - International Rectifier

  50WQ03FNPBF Datasheet HTML 1Page - International Rectifier 50WQ03FNPBF Datasheet HTML 2Page - International Rectifier 50WQ03FNPBF Datasheet HTML 3Page - International Rectifier 50WQ03FNPBF Datasheet HTML 4Page - International Rectifier 50WQ03FNPBF Datasheet HTML 5Page - International Rectifier 50WQ03FNPBF Datasheet HTML 6Page - International Rectifier 50WQ03FNPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
50WQ03FNPbF
Bulletin PD-21091 rev. B 08/06
2
www.irf.com
Part number
50WQ03FNPbF
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
30
Voltage Ratings
V
FM
Max. Forward Voltage Drop
0.46
V
@ 5A
* See Fig. 1
(1)
0.53
V
@ 10A
0.35
V
@ 5A
0.46
V
@ 10A
I
RM
Max. Reverse Leakage Current
3
mA
T
J =
25 °C
* See Fig. 2
(1)
58
mA
T
J = 125 °C
V
F(TO) Threshold Voltage
0.19
V
T
J = TJ max.
rt
Forward Slope Resistance
22.22
m
Ω
C
T
Typical Junction Capacitance
590
pF
V
R = 5VDC (test signal range 100Khz to 1Mhz) 25 °C
LS
Typical Series Inductance
5.0
nH
Measured lead to lead 5mm from package body
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Electrical Specifications
Parameters
50WQ...
Units
Conditions
(1) Pulse Width < 300μs, Duty Cycle < 2%
T
J
Max.JunctionTemperatureRange(*)
-40 to 150
°C
T
stg
Max. Storage Temperature Range
-40 to 150
°C
R
thJC Max. Thermal Resistance Junction
3.0
°C/W DC operation
* See Fig. 4
to Case
wt
Approximate Weight
0.3 (0.01)
g (oz.)
Case Style
D - PAK
Similar to TO-252AA
Marking Device
50WQ03FN
Thermal-Mechanical Specifications
Parameters
50W...
Units
Conditions
I
F(AV) Max. Average Forward Current
5.5
A
50% duty cycle @ T
C = 136°C, rectangular wave form
* See Fig. 5
I
FSM
Max.PeakOneCycleNon-Repetitive
320
5μs Sine or 3μs Rect. pulse
Surge Current * See Fig. 7
130
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
10
mJ
T
J = 25 °C, IAS = 2.0 Amps, L = 5 mH
I
AR
Repetitive Avalanche Current
2.0
A
Current decaying linearly to zero in 1 μsec
Frequency limited by T
J max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM applied
A
Parameters
50WQ... Units
Conditions
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)


Similar Part No. - 50WQ03FNPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
50WQ03FNPBF VISHAY-50WQ03FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
50WQ03FNPBF VISHAY-50WQ03FNPBF Datasheet
129Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
50WQ03FNPBF VISHAY-50WQ03FNPBF Datasheet
129Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
50WQ03FNPBF VISHAY-50WQ03FNPBF_11 Datasheet
129Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
More results

Similar Description - 50WQ03FNPBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com