Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83195BG-101 Datasheet(PDF) 17 Page - Winbond

Part # W83195BG-101
Description  Winbond Clock Generator For Intel 915/925 Chipsets
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195BG-101 Datasheet(HTML) 17 Page - Winbond

Back Button W83195BG-101 Datasheet HTML 13Page - Winbond W83195BG-101 Datasheet HTML 14Page - Winbond W83195BG-101 Datasheet HTML 15Page - Winbond W83195BG-101 Datasheet HTML 16Page - Winbond W83195BG-101 Datasheet HTML 17Page - Winbond W83195BG-101 Datasheet HTML 18Page - Winbond W83195BG-101 Datasheet HTML 19Page - Winbond W83195BG-101 Datasheet HTML 20Page - Winbond W83195BG-101 Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
W83195BR/G-101
STEPLESS FOR INTEL 915/925 CHIPSETS
Publication Release Date: March 2006
- 13 -
Revision 0.7
Table-2 CPU, SRC, PCI divider ratio selection Table
CPU
Bit1, 0
LSB
MSB
00
01
10
11
0
Div2
Div3
Div4
Div6
Bit2/
Bit4/
Bit6
1
Div0
Div0
Div0
Div0
7.14 Register 13: Step-less Enable Control (Default: 0Fh)
BIT
NAME
PWD
DESCRIPTION
TYPE
7
EN_MN_PROG
0
0: Output frequency depend on frequency table
1: Program all clock frequency by changing M/N value
The equation is
VCO =14.318MHz*(N+4)/ M.
Once the watchdog timer timeout, the bit will be clear.
Then the frequency will be decided by hardware default
FS<2:0> or desired
frequency select SAF_FREQ [4:0]
depend on EN_SAFE_FREQ (Reg0 - bit 0).
R/W
6
N<10>
0
Programmable N divisor bit 10.
R/W
5
Reserved
0
Reserved
R/W
4
Reserved
0
Reserved
R/W
3
IVAL<3>
1
R/W
2
IVAL<2>
1
R/W
1
IVAL<1>
1
R/W
0
IVAL<0>
1
Charge pump current selection
R/W


Similar Part No. - W83195BG-101

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BG-118 WINBOND-W83195BG-118 Datasheet
361Kb / 28P
   Clock Generator
More results

Similar Description - W83195BG-101

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83195CG-NP NUVOTON-W83195CG-NP Datasheet
411Kb / 26P
   Winbond Clock Generator W83195CG-NP For Intel Napa Platform
logo
Winbond
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83195CG-NP WINBOND-W83195CG-NP Datasheet
556Kb / 23P
   Winbond Clock Generator
W83195WG-413 WINBOND-W83195WG-413 Datasheet
254Kb / 27P
   Winbond Clock Generator
W83195WG-382 WINBOND-W83195WG-382 Datasheet
260Kb / 27P
   Winbond Clock Generator
W83195WG-301 WINBOND-W83195WG-301 Datasheet
258Kb / 27P
   Winbond Clock Generator
W83115RG-BW WINBOND-W83115RG-BW Datasheet
357Kb / 30P
   Winbond Clock Generator
W83195WG-416 WINBOND-W83195WG-416 Datasheet
255Kb / 27P
   Winbond Clock Generator
logo
Silicon Laboratories
CY284108 SILABS-CY284108 Datasheet
167Kb / 16P
   Clock Generator for Intel짰Blackford and Bayshore Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com