Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83194R-630A Datasheet(PDF) 6 Page - Winbond

Part # W83194R-630A
Description  166MHZ CLOCK FOR SIS CHIPSET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194R-630A Datasheet(HTML) 6 Page - Winbond

Back Button W83194R-630A Datasheet HTML 2Page - Winbond W83194R-630A Datasheet HTML 3Page - Winbond W83194R-630A Datasheet HTML 4Page - Winbond W83194R-630A Datasheet HTML 5Page - Winbond W83194R-630A Datasheet HTML 6Page - Winbond W83194R-630A Datasheet HTML 7Page - Winbond W83194R-630A Datasheet HTML 8Page - Winbond W83194R-630A Datasheet HTML 9Page - Winbond W83194R-630A Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
W83194R-630/-630A
- 6 -
5.3
I2C Control Interface
SYMBOL
PIN
I/O
FUNCTION
*SDATA
23
I/O
Serial data of I
2C 2-wire control interface
*SDCLK
24
IN
Serial clock of I
2C 2-wire control interface
5.4 Fixed Frequency Outputs
SYMBOL
PIN
I/O
FUNCTION
REF0X2 / *FS3
2
I/O
3.3V, 14.318MHz reference clock output .
Internal 250k
Ω pull-up.
Latched input for FS3 at initial power up for H/W
selecting the output frequency of CPU, SDRAM and
PCI clocks.
REF1
48
I/O
3.3V , 14.318MHz reference clock output.
24_48MHz/
SEL2.5_3.3#
25
I/O
SEL2.5_3.3# controls the Vdd of CPU. If logic 0 at
power on, VddLCPU=3.3V. If logic 1, VddLCPU=2.5
24MHz or 48MHz selected by I2C for Super I/O.
48MHz / *FS0
26
I/O
Internal 250k
Ω pull-up.
Latched input for FS0 at initial power up for H/W
selecting the output frequency of CPU, SDRAM and
PCI clocks. 48MHz output for USB during normal
operation.
5.5 Power Pins
SYMBOL
PIN
FUNCTION
Vdd
1
Power supply for REF crystal and core logic.
VddLCPU
47
Power supply for CPUCLK_F and CPUCLK[0:1], either
2.5V or 3.3V.
VddP
6,15
Power supply for PCI outputs.
VddSD
19,27,30,36,42
Power supply for SDRAM and 48/24NHz outputs.
Vss
3,10,16,22,33,39,44 Circuit Ground.


Similar Part No. - W83194R-630A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-630A WINBOND-W83194R-630A Datasheet
159Kb / 11P
   166MHZ CLOCK FOR SIS CHIPSET
More results

Similar Description - W83194R-630A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-730 WINBOND-W83194BR-730 Datasheet
113Kb / 14P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-630A WINBOND-W83194R-630A Datasheet
159Kb / 11P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-730 WINBOND-W83194BR-730_05 Datasheet
212Kb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-640 WINBOND-W83194BR-640 Datasheet
1Mb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-81 WINBOND-W83194R-81 Datasheet
231Kb / 18P
   100MHZ CLOCK FOR SIS CHIPSET
W83194BR-703 WINBOND-W83194BR-703 Datasheet
741Kb / 28P
   STEPLESS CLOCK FOR SIS 741 CHIPSET
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
W83194R-17 WINBOND-W83194R-17 Datasheet
272Kb / 21P
   100MHZ AGP CLOCK FOR SIS CHIPSET
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
   CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
W83194BR-645 WINBOND-W83194BR-645 Datasheet
308Kb / 24P
   CLOCK GENERATOR FOR SIS 645/650 CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com