Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM900DU-24NF Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CM900DU-24NF
Description  Mega Power Dual??IGBTMOD 900 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM900DU-24NF Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CM900DU-24NF Datasheet HTML 1Page - Powerex Power Semiconductors CM900DU-24NF Datasheet HTML 2Page - Powerex Power Semiconductors CM900DU-24NF Datasheet HTML 3Page - Powerex Power Semiconductors CM900DU-24NF Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
CM900DU-24NF
Mega Power Dual™ IGBTMOD
900 Amperes/1200 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Ratings
Symbol
CM900DU-24NF
Units
Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Collector-Emitter Voltage (G-E SHORT)
VCES
1200
Volts
Gate-Emitter Voltage (C-E SHORT)
VGES
±20
Volts
Collector Current (TC = 25°C)
IC
900
Amperes
Peak Collector Current (Tj ≤ 150°C)
ICM
1800*
Amperes
Emitter Current (TC = 25°C)**
IE
900
Amperes
Peak Emitter Current**
IEM
1800*
Amperes
Maximum Collector Dissipation (Tj < 150°C) (TC' = 25°C)
PC
5950
Watts
Mounting Torque, M6 Mounting Screws
40
in-lb
Mounting Torque, M6 Main Terminal Screw
40
in-lb
Weight (Typical)
1400
Grams
Isolation Voltage (Main Terminal to Baseplate, AC 1 min.)
Viso
2500
Volts
Static Electrical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector-Cutoff Current
ICES
VCE = VCES, VGE = 0V
1
mA
Gate Leakage Current
IGES
VGE = VGES, VCE = 0V
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 90mA, VCE = 10V
6
7
8
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 900A, VGE = 15V, Tj = 25°C–
1.9
2.5
Volts
(Without Lead Resistance)
(Chip)
IC = 900A, VGE = 15V, Tj = 125°C–
2.1
Volts
Module Lead Resistance
R(lead)
IC = 900A, Terminal-chip
0.143
m
Total Gate Charge
QG
VCC = 600V, IC = 900A, VGE = 15V
4800
nC
Emitter-Collector Voltage**
VEC
IE = 900A, VGE = 0V
3.4
Volts
Dynamic Electrical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Capacitance
Cies
––
140
nF
Output Capacitance
Coes
VCE = 10V, VGE = 0V
16
nF
Reverse Transfer Capacitance
Cres
––
3
nF
Inductive
Turn-on Delay Time
td(on)
VCC = 600V,
300
ns
Load
Rise Time
tr
IC = 900A, IE = 900A,
200
ns
Switch
Turn-off Delay Time
td(off)
VGE1 = VGE2 = 15V,
800
ns
Times
Fall Time
tf
RG = 1.0 ,–
300
ns
Diode Reverse Recovery Time**
trr
Inductive Load
500
ns
Diode Reverse Recovery Charge**
Qrr
Switching Operation
50
µC
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating.
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
2


Similar Part No. - CM900DU-24NF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM900DU-24NF MITSUBISHI-CM900DU-24NF Datasheet
65Kb / 5P
   HIGH POWER SWITCHING USE
CM900DU-24NF MITSUBISHI-CM900DU-24NF Datasheet
114Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM900DU-24NF MITSUBISHI-CM900DU-24NF_09 Datasheet
114Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM900DU-24NF

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM1400DUC-24NF POWEREX-CM1400DUC-24NF Datasheet
558Kb / 5P
   Mega Power Dual IGBTMOD 1400 Amperes/1200 Volts
CM1400DU-24NF POWEREX-CM1400DU-24NF Datasheet
78Kb / 4P
   Mega Power Dual??IGBTMOD 1400 Amperes/1200 Volts
CM1400E3U-24NF POWEREX-CM1400E3U-24NF Datasheet
551Kb / 5P
   Mega Power Chopper IGBTMOD 1400 Amperes/1200 Volts
CM200DY-24H POWEREX-CM200DY-24H Datasheet
59Kb / 4P
   Dual IGBTMOD 200 Amperes/1200 Volts
CM300DU-24H POWEREX-CM300DU-24H Datasheet
61Kb / 4P
   Dual IGBTMOD 300 Amperes/1200 Volts
CM50DY-24H POWEREX-CM50DY-24H Datasheet
58Kb / 4P
   Dual IGBTMOD 50 Amperes/1200 Volts
CM600DU-24F POWEREX-CM600DU-24F Datasheet
65Kb / 4P
   Dual IGBTMOD 600 Amperes/1200 Volts
CM75DY-24H POWEREX-CM75DY-24H Datasheet
53Kb / 4P
   Dual IGBTMOD 75 Amperes/1200 Volts
CM100DU-24H POWEREX-CM100DU-24H Datasheet
517Kb / 4P
   Dual IGBTMOD 100 Amperes/1200 Volts
CM300DY-24H POWEREX-CM300DY-24H Datasheet
55Kb / 4P
   Dual IGBTMOD 300 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com