Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM900DU-24NF Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CM900DU-24NF
Description  Mega Power Dual??IGBTMOD 900 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM900DU-24NF Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CM900DU-24NF Datasheet HTML 1Page - Powerex Power Semiconductors CM900DU-24NF Datasheet HTML 2Page - Powerex Power Semiconductors CM900DU-24NF Datasheet HTML 3Page - Powerex Power Semiconductors CM900DU-24NF Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
CM900DU-24NF
Mega Power Dual™ IGBTMOD
900 Amperes/1200 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
GATE CHARGE, Q
G, (nC)
GATE CHARGE, VGE
20
0
16
12
8
4
0
COLLECTOR CURRENT, I
C, (AMPERES)
104
101
102
103
102
101
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
1000 2000
4000
7000
3000
5000 6000
VCC = 600V
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
RG = 1.0Ω
Tj = 125°C
Inductive Load
tf
EMITTER CURRENT, I
E, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
101
102
102
101
103
102
101
trr
Irr
VCC = 600V
VGE = ±15V
RG = 1.0Ω
Tj = 25°C
Inductive Load
VCC = 400V
IC = 900A
103
103
EMITTER CURRENT, I
E, (AMPERES)
SWITCHING LOSS VS. EMITTER CURRENT
(TYPICAL)
101
102
103
100
101
102
VCC = 600V
VGE = 15V
Tj = 125°C
RG = 1.0Ω
Inductive Load
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING LOSS VS. COLLECTOR CURRENT
(TYPICAL)
101
102
103
100
102
101
103
VCC = 600V
VGE = 15V
Tj = 125°C
RG = 1.0Ω
ESW(on)
ESW(off)
Inductive Load
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi)
101
10-5
10-4
10-3
100
10-1
10-2
10-3
10-3
10-2
10-1
100
101
10-1
10-2
10-3
Per Unit Base
Rth(j-c) = 0.021°C/W (IGBT)
Rth(j-c) = 0.034°C/W (FWDi)
Single Pulse
TC = 25°C


Similar Part No. - CM900DU-24NF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM900DU-24NF MITSUBISHI-CM900DU-24NF Datasheet
65Kb / 5P
   HIGH POWER SWITCHING USE
CM900DU-24NF MITSUBISHI-CM900DU-24NF Datasheet
114Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM900DU-24NF MITSUBISHI-CM900DU-24NF_09 Datasheet
114Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM900DU-24NF

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM1400DUC-24NF POWEREX-CM1400DUC-24NF Datasheet
558Kb / 5P
   Mega Power Dual IGBTMOD 1400 Amperes/1200 Volts
CM1400DU-24NF POWEREX-CM1400DU-24NF Datasheet
78Kb / 4P
   Mega Power Dual??IGBTMOD 1400 Amperes/1200 Volts
CM1400E3U-24NF POWEREX-CM1400E3U-24NF Datasheet
551Kb / 5P
   Mega Power Chopper IGBTMOD 1400 Amperes/1200 Volts
CM200DY-24H POWEREX-CM200DY-24H Datasheet
59Kb / 4P
   Dual IGBTMOD 200 Amperes/1200 Volts
CM300DU-24H POWEREX-CM300DU-24H Datasheet
61Kb / 4P
   Dual IGBTMOD 300 Amperes/1200 Volts
CM50DY-24H POWEREX-CM50DY-24H Datasheet
58Kb / 4P
   Dual IGBTMOD 50 Amperes/1200 Volts
CM600DU-24F POWEREX-CM600DU-24F Datasheet
65Kb / 4P
   Dual IGBTMOD 600 Amperes/1200 Volts
CM75DY-24H POWEREX-CM75DY-24H Datasheet
53Kb / 4P
   Dual IGBTMOD 75 Amperes/1200 Volts
CM100DU-24H POWEREX-CM100DU-24H Datasheet
517Kb / 4P
   Dual IGBTMOD 100 Amperes/1200 Volts
CM300DY-24H POWEREX-CM300DY-24H Datasheet
55Kb / 4P
   Dual IGBTMOD 300 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com