Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM800HB-66H Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CM800HB-66H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM800HB-66H Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CM800HB-66H Datasheet HTML 1Page - Powerex Power Semiconductors CM800HB-66H Datasheet HTML 2Page - Powerex Power Semiconductors CM800HB-66H Datasheet HTML 3Page - Powerex Power Semiconductors CM800HB-66H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb. 2000
MITSUBISHI HVIGBT MODULES
CM800HB-66H
HIGH POWER SWITCHING USE
INSULATED TYPE
V
V
VCE = VCES, VGE = 0V
VGE = VGES, VCE = 0V
Tj = 25
°C
Tj = 125
°C
VCC = 1650V, IC = 800A, VGE = 15V
VCC = 1650V, IC = 800A
VGE1 = VGE2 = 15V
RG = 2.5
Resistive load switching operation
IE = 800A, VGE = 0V
IE = 800A,
die / dt = –1600A /
µs
(Note 1)
Junction to case, IGBT part
Junction to case, FWDi part
Case to fin, conductive grease applied
IC = 80mA, VCE = 10V
IC = 800A, VGE = 15V
(Note 4)
VCE = 10V
VGE = 0V
Collector cutoff current
Gate-emitter
threshold voltage
Gate-leakage current
Collector-emitter
saturation voltage
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Turn-on delay time
Turn-on rise time
Turn-off delay time
Turn-off fall time
Emitter-collector voltage
Reverse recovery time
Reverse recovery charge
Thermal resistance
Contact thermal resistance
Collector-emitter voltage
Gate-emitter voltage
Maximum collector dissipation
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Mass
VGE = 0V
VCE = 0V
TC = 25
°C
Pulse
(Note 1)
TC = 25
°C
Pulse
(Note 1)
TC = 25
°C, IGBT part
Charged part to base plate, rms, sinusoidal, AC 60Hz 1min.
Main terminals screw M8
Mounting screw M6
Auxiliary terminals screw M4
Typical value
Collector current
Emitter current
3300
±20
800
1600
800
1600
10400
–40 ~ +150
–40 ~ +125
6000
6.67 ~ 13.00
2.84 ~ 6.00
0.88 ~ 2.00
1.5
MAXIMUM RATINGS (Tj = 25
°C)
Symbol
Item
Conditions
Unit
Ratings
V
V
A
A
A
A
W
°C
°C
V
N·m
N·m
N·m
kg
VCES
VGES
IC
ICM
IE (Note 2)
IEM(Note 2)
PC (Note 3)
Tj
Tstg
Viso
Min
Typ
Max
10
0.5
4.94
1.60
2.00
2.50
1.00
3.64
1.40
0.012
0.024
mA
µA
nF
nF
nF
µC
µs
µs
µs
µs
V
µs
µC
K/W
K/W
K/W
3.80
4.00
120
12.0
3.6
5.7
2.80
270
0.008
ICES
IGES
Cies
Coes
Cres
QG
td (on)
tr
td (off)
tf
VEC(Note 2)
trr
(Note 2)
Qrr (Note 2)
Rth(j-c)Q
Rth(j-c)R
Rth(c-f)
ELECTRICAL CHARACTERISTICS (Tj = 25
°C)
Symbol
Item
Conditions
VGE(th)
VCE(sat)
Limits
Unit
6.0
4.5
Note 1. Pulse width and repetition rate should be such that the device junction temp. (Tj) does not exceed Tjmax rating.
2. IE, VEC, trr, Qrr & die/dt represent characteristics of the anti-parallel, emitter to collector free-wheel diode.
3. Junction temperature (Tj) should not increase beyond 150
°C.
4. Pulse width and repetition rate should be such as to cause negligible temperature rise.
7.5
2nd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
HVIGBT MODULES (High Voltage Insulated Gate Bipolar Transistor Modules)


Similar Part No. - CM800HB-66H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM800HB-66H MITSUBISHI-CM800HB-66H Datasheet
51Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM800HB-66H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com