Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC684 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54HC684
Description  8-BIT MAGNITUDE COMPARATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC684 Datasheet(HTML) 5 Page - Texas Instruments

  SN54HC684 Datasheet HTML 1Page - Texas Instruments SN54HC684 Datasheet HTML 2Page - Texas Instruments SN54HC684 Datasheet HTML 3Page - Texas Instruments SN54HC684 Datasheet HTML 4Page - Texas Instruments SN54HC684 Datasheet HTML 5Page - Texas Instruments SN54HC684 Datasheet HTML 6Page - Texas Instruments SN54HC684 Datasheet HTML 7Page - Texas Instruments SN54HC684 Datasheet HTML 8Page - Texas Instruments SN54HC684 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN54HC684, SN74HC684
8-BIT MAGNITUDE COMPARATORS
SCLS340B – MARCH 1996 – REVISED MARCH 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. The outputs are measured one at a time with one input transition per measurement.
D. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN54HC684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC684 TI-SN54HC684 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684 TI-SN54HC684 Datasheet
283Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684FK TI-SN54HC684FK Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684J TI-SN54HC684J Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684W TI-SN54HC684W Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
More results

Similar Description - SN54HC684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS885 TI1-SN54AS885_15 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885 Datasheet
153Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682 Datasheet
273Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
logo
Motorola, Inc
SN54LS682 MOTOROLA-SN54LS682 Datasheet
216Kb / 6P
   8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
SN54AS885 TI-SN54AS885_07 Datasheet
497Kb / 18P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682_07 Datasheet
417Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885_08 Datasheet
527Kb / 18P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS866 TI-SN54AS866 Datasheet
115Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
logo
Motorola, Inc
SN74LS689 MOTOROLA-SN74LS689 Datasheet
287Kb / 7P
   8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
SN54HC684 TI-SN54HC684_06 Datasheet
283Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com