Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBR5066X Datasheet(PDF) 7 Page - STANLEY ELECTRIC CO.,LTD.

Part # HBR5066X
Description  Single Color High Brightness ?5 Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

HBR5066X Datasheet(HTML) 7 Page - STANLEY ELECTRIC CO.,LTD.

Back Button HBR5066X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. HBR5066X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. HBR5066X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. HBR5066X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. HBR5066X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. HBR5066X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. HBR5066X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. HBR5066X Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. HBR5066X Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Page 7
2004.10.29
Single Color High Brightness φ5 Type
5066X Series
Ambient Temperature vs. Relative Intensity
Condition : I
F=20mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)
Technical Data(HBG)
Ambient Temperature vs. Forward Voltage
Ambient Temperature : Ta(℃)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)


Similar Part No. - HBR5066X

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HBR5100 JSMC-HBR5100 Datasheet
218Kb / 5P
   SCHOTTKY BARRIER DIODE
HBR5100D JSMC-HBR5100D Datasheet
218Kb / 5P
   SCHOTTKY BARRIER DIODE
HBR5100DR JSMC-HBR5100DR Datasheet
218Kb / 5P
   SCHOTTKY BARRIER DIODE
HBR5100U JSMC-HBR5100U Datasheet
395Kb / 5P
   Low voltage, high frequency rectifier
HBR5100UD JSMC-HBR5100UD Datasheet
395Kb / 5P
   Low voltage, high frequency rectifier
More results

Similar Description - HBR5066X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FA5365S STANLEY-FA5365S Datasheet
671Kb / 18P
   Single Color High Brightness ?5 Type
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5305S STANLEY-UB5305S Datasheet
341Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
   Single Color Ultra High Brightness ?5 Type
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
FR1105W-RR STANLEY-FR1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com