Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM800HA-28H Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CM800HA-28H
Description  Single IGBTMOD 800 Amperes/1400 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM800HA-28H Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CM800HA-28H Datasheet HTML 1Page - Powerex Power Semiconductors CM800HA-28H Datasheet HTML 2Page - Powerex Power Semiconductors CM800HA-28H Datasheet HTML 3Page - Powerex Power Semiconductors CM800HA-28H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
CM800HA-28H
Single IGBTMOD™ H-Series Module
800 Amperes/1400 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT)
101
10-5
10-4
10-3
100
10-1
10-2
10-3
10-3
10-2
10-1
100
101
Single Pulse
TC = 25°C
Per Unit Base = Rth(j-c) = 0.026°C/W
10-1
10-2
10-3
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi)
101
10-5
10-4
10-3
100
10-1
10-2
10-3
10-3
10-2
10-1
100
101
Single Pulse
TC = 25°C
Per Unit Base = Rth(j-c) = 0.58 °C/W
10-1
10-2
10-3


Similar Part No. - CM800HA-28H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM800HA-24H MITSUBISHI-CM800HA-24H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM800HA-24H POWEREX-CM800HA-24H Datasheet
3Mb / 4P
   Single IGBTMOD 800 Amperes/1200 Volts
More results

Similar Description - CM800HA-28H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM600HA-28H POWEREX-CM600HA-28H Datasheet
55Kb / 4P
   Single IGBTMOD 600 Amperes/1400 Volts
CM1000HA-28H POWEREX-CM1000HA-28H Datasheet
64Kb / 4P
   Single IGBTMOD 1000 Amperes/1400 Volts
CM300HA-28H POWEREX-CM300HA-28H Datasheet
68Kb / 4P
   Single IGBTMOD 300 Amperes/1400 Volts
CM400HA-28H POWEREX-CM400HA-28H Datasheet
57Kb / 4P
   Single IGBTMOD 400 Amperes/1400 Volts
CM800HA-24H POWEREX-CM800HA-24H Datasheet
3Mb / 4P
   Single IGBTMOD 800 Amperes/1200 Volts
CM100DY-28H POWEREX-CM100DY-28H Datasheet
68Kb / 4P
   Dual IGBTMOD 100 Amperes/1400 Volts
CM200DY-28H POWEREX-CM200DY-28H Datasheet
60Kb / 4P
   Dual IGBTMOD 200 Amperes/1400 Volts
CM300DY-28H POWEREX-CM300DY-28H Datasheet
60Kb / 4P
   Dual IGBTMOD 300 Amperes/1400 Volts
CM50DY-28H POWEREX-CM50DY-28H Datasheet
58Kb / 4P
   Dual IGBTMOD 50 Amperes/1400 Volts
CM150DY-28H POWEREX-CM150DY-28H Datasheet
824Kb / 4P
   Dual IGBTMOD 150 Amperes/1400 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com